Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC932 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC932
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC932 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC932 Datasheet HTML 1Page - Motorola, Inc MPC932 Datasheet HTML 2Page - Motorola, Inc MPC932 Datasheet HTML 3Page - Motorola, Inc MPC932 Datasheet HTML 4Page - Motorola, Inc MPC932 Datasheet HTML 5Page - Motorola, Inc MPC932 Datasheet HTML 6Page - Motorola, Inc MPC932 Datasheet HTML 7Page - Motorola, Inc MPC932 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC932
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
2
FUNCTION TABLES
SDn, COM_SD
Qn
0
1
Held LOW
Enabled
PLL_En
PLL Status
0
1
Test Mode
PLL Enabled
Q1
VCCO
Q0
GNDO
MODE
VCCA
GND_QFB
QFB
VCCO_QFB
FB_In
GNDA
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
345678
24
23
22
21
20
19
18
17
16
MPC932
Pinout: 32-Lead TQFP Package (Top View)
LOGIC DIAGRAM
MR/OE
PLL Status
0
1
Disabled
Enabled
STOP
STOP
SD0:1
Q0
Q1
STOP
STOP
SD2
Q2
Q3
SD3
STOP
STOP
SD4
Q4
Q5
SD5
QFB
FBSEL0
FBSEL1
÷4
÷5
÷6
PLL
200–480MHz
REF_CLK
FB_In
PLL_EN
MR/OE
COM_SD
MODE
0
0
0
0
1
1
1
1
FBSEL1
0
0
1
1
0
0
1
1
FBSEL0
0
1
0
1
0
1
0
1
Qn
VCO/4
VCO/4
VCO/4
NA
VCO/4
VCO/4
VCO/4
NA
QFB
VCO/8
VCO/10
VCO/12
NA
VCO/4
VCO/5
VCO/6
NA
÷4
MODE
÷2
SD3
SD4
SD5
SD2
SD0:1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com