Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD736ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD736ARZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD736ARZ-R7 Datasheet HTML 11Page - Analog Devices AD736ARZ-R7 Datasheet HTML 12Page - Analog Devices AD736ARZ-R7 Datasheet HTML 13Page - Analog Devices AD736ARZ-R7 Datasheet HTML 14Page - Analog Devices AD736ARZ-R7 Datasheet HTML 15Page - Analog Devices AD736ARZ-R7 Datasheet HTML 16Page - Analog Devices AD736ARZ-R7 Datasheet HTML 17Page - Analog Devices AD736ARZ-R7 Datasheet HTML 18Page - Analog Devices AD736ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 15 of 20
ADDITIONAL APPLICATION CONCEPTS
Figure 25 through Figure 28 show four application concepts.
Figure 25 shows the high input impedance FET input connected to
a multitap attenuator network used in various types of instruments
requiring wide ranges of voltages. For a direct network connection,
the gate-charge bleeding resistor is not required. The impedance of
the FET input is high enough (1012 Ω) so that the loading error
is negligible. Manufacturers and distributors of the matched
precision resistor networks shown in these figures can easily be
found on the Web. The voltages shown in the diagrams are the
input levels corresponding to 200 mV at each tap. Finally, the
47 kΩ, 1 W resistor and diode pair are a practical input
protection scheme for ac line connection measurements.
Figure 26 shows both inputs connected differentially. Figure 27
shows additional components used for offset correction of the
output amplifier, and Figure 28 shows connections for single-
supply operation such as is the case for handheld devices.
Further information can be found in the AN-268 Application
Note—RMS-to-DC Converters Ease Measurement Tasks—and
the RMS to DC Converter Application Guide, both of which
can be found on the Analog Devices, Inc., website.
+VS
+VS
CAV
33µF
47kΩ
1W
CC
10µF
COM
(OPTIONAL)
OUTPUT
8
7
6
5
1
2
3
4
AD736
+
rms
CORE
+
CC
VIN
FULL
WAVE
RECTIFIER
CF
–VS
–VS
+VS
–VS
CAV
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
OUTPUT
AMPLIFIER
8kΩ
CF
10µF
1µF
1µF
(OPTIONAL)
+
OPTIONAL
AC COUPLING
CAPACITOR
VIN FOR FULL
SCALE OUTPUT
0.01µF
1kV
2V
20V
200V
9MΩ
900kΩ
90kΩ
10kΩ
VIN
200mV
BAV199
Figure 25. AD736 with a High Impedance Input Attenuator
+VS
+VS
CAV
33µF
COM
OUTPUT
OUTPUT
8
7
6
5
1
2
3
4
AD736
+
rms
CORE
CC
VIN
FULL
WAVE
RECTIFIER
CF
–VS
–VS
CAV
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
OUTPUT
AMPLIFIER
8kΩ
CF
10µF
CC
10µF
1µF
1µF
(OPTIONAL)
+
+IN
INPUT IMPEDANCE: 1012
Ω||10pF
–IN
AD711
+
3
2
6
Figure 26. Differential Input Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com