Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM330DLCTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 7Page - STMicroelectronics LSM330DLCTR Datasheet HTML 8Page - STMicroelectronics LSM330DLCTR Datasheet HTML 9Page - STMicroelectronics LSM330DLCTR Datasheet HTML 10Page - STMicroelectronics LSM330DLCTR Datasheet HTML 11Page - STMicroelectronics LSM330DLCTR Datasheet HTML 12Page - STMicroelectronics LSM330DLCTR Datasheet HTML 13Page - STMicroelectronics LSM330DLCTR Datasheet HTML 14Page - STMicroelectronics LSM330DLCTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
LSM330DLC
Block diagram and pin description
Doc ID 022162 Rev 2
11/66
1.2
Pin description
Figure 2.
Pin connection
X
1
Y
Z
DIRECTION OF
DETECTABLE
ACCELERATIONS
Z
DIRECTION OF
DETECTABLE
ANGULAR RATES
1
Y
z
X
X
X
DEN_G
FILTVDD
GND
FILTIN Y
FILTOUT Y/ OUT Y
RES
(BOTTOM VIEW)
1
6
7
14
21
28
RES
INT1_G
INT1_A
INT2_A
RES
CAP
GND
DRDY_G/INT2_G
RES
20
15
AM10161V1
Table 2.
Pin description
Pin#
Name
Function
1GND
0 V supply
2
Res
Reserved. Connect to GND
3
Res
Reserved. Connect to GND
4
Res
Reserved. Connect to GND
5
Res
Reserved. Connect to GND
6GND
0 V supply
7
Vdd
Power supply
8
Vdd
Power supply
9
Vdd
Power supply
10
Res
Reserved. Connect to Vdd
11
Res
Reserved. Connect to Vdd
12
Res
Reserved. Connect to Vdd
13
Res
Reserved. Connect to Vdd
14
Res
Reserved. Connect to Vdd
15
Cap
Connect to GND with ceramic capacitor, 10 nF (+/-10%), 25 V
16
DEN_G
Gyroscope data enable
17
DRDY_G/
INT2_G
Gyroscope data ready/interrupt signal 2
18
INT1_G
Gyroscope interrupt signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com