Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP35N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP35N65M5
Description  N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP35N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP35N65M5 Datasheet HTML 1Page - STMicroelectronics STP35N65M5 Datasheet HTML 2Page - STMicroelectronics STP35N65M5 Datasheet HTML 3Page - STMicroelectronics STP35N65M5 Datasheet HTML 4Page - STMicroelectronics STP35N65M5 Datasheet HTML 5Page - STMicroelectronics STP35N65M5 Datasheet HTML 6Page - STMicroelectronics STP35N65M5 Datasheet HTML 7Page - STMicroelectronics STP35N65M5 Datasheet HTML 8Page - STMicroelectronics STP35N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
October 2011
Doc ID 15325 Rev 3
1/22
22
STB35N65M5, STF35N65M5, STI35N65M5
STP35N65M5, STW35N65M5
N-channel 650 V, 0.085
Ω, 27 A, MDmesh™ V Power MOSFET
in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
Features
■ Worldwide best RDS(on)* area
■ Higher VDSS rating
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
■ High dv/dt capability
Applications
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJMAX
RDS(on) max.
ID
STB35N65M5
STF35N65M5
STI35N65M5
STP35N65M5
STW35N65M5
710 V
710 V
710 V
710 V
710 V
< 0.098
Ω
< 0.098
Ω
< 0.098
Ω
< 0.098
Ω
< 0.098
Ω
27 A
27 A(1)
27 A
27 A
27 A
1.
Limited only by maximum temperature allowed
1
3
1
2
3
1
2
3
1
2
3
1
2
3
TO-220
TO-220FP
D²PAK
I²PAK
TO-247
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB35N65M5
STF35N65M5
STI35N65M5
STP35N65M5
STW35N65M5
35N65M5
35N65M5
35N65M5
35N65M5
35N65M5
D²PAK
TO-220FP
I²PAK
TO-220
TO-247
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - STP35N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP35N65M5 ISC-STP35N65M5 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP35N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
23-May-2011
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
25-May-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
06-Oct-2011
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
06-Oct-2010
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
13-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com