Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B5159 Datasheet(PDF) 3 Page - EPCOS

Part # B5159
Description  SAW RF filter for base station LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5159 Datasheet(HTML) 3 Page - EPCOS

  B5159 Datasheet HTML 1Page - EPCOS B5159 Datasheet HTML 2Page - EPCOS B5159 Datasheet HTML 3Page - EPCOS B5159 Datasheet HTML 4Page - EPCOS B5159 Datasheet HTML 5Page - EPCOS B5159 Datasheet HTML 6Page - EPCOS B5159 Datasheet HTML 7Page - EPCOS B5159 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 15, 2012
B5159
1747.5 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –33 ˚C to +100 ˚C
Terminating source impedance:
ZS =50 Ω unbalanced and matching network
Terminating load impedance:
ZL =50 Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1747.5
—
MHz
Maximum insertion attenuation
α
max
—
2.2
3.3
dB
(including matching network)
Amplitude ripple (p-p)
∆α
1710 ... 1785 MHz
—
0.3
1.2
dB
1710 ... 1785 MHz (in any contiguous 5MHz band)
—
0.1
0.8
dB
Group delay ripple (p-p)
∆τ
1710 ... 1785 MHz
—
6
20
ns
Phase ripple (p-p)
∆ϕ
1710 ... 1785 MHz
—
12
—
°
Error vector magnitude1)
EVM
1710 ... 1785 MHz
—
0.2
1.02)
%
Absolute group delay
τ
1710 ... 1785 MHz
—
13
20
ns
Relative attenuation (relative to
α
max)
α
rel
70 ...
110 MHz
30
78
—
dB
300 ...
400 MHz
30
61
—
dB
852 ... 1291 MHz
25
44
—
dB
1205 ... 1250 MHz
30
45
—
dB
1372 ... 1603 MHz
25
34
—
dB
1603 ... 1681 MHz
10
17
—
dB
1885 ... 1960 MHz
20
31
—
dB
2110 ... 2170 MHz
25
48
—
dB
2422 ... 2507 MHz
45
52
—
dB
3775 ... 3915 MHz
25
66
—
dB
4295 ... 4942 MHz
15
50
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com