Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMEC15-MAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEC15-MAZ
Description  15 Watt | AC-DC / DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEC15-MAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEC15-MAZ_13 Datasheet HTML 1Page - AIMTEC AMEC15-MAZ_13 Datasheet HTML 2Page - AIMTEC AMEC15-MAZ_13 Datasheet HTML 3Page - AIMTEC AMEC15-MAZ_13 Datasheet HTML 4Page - AIMTEC AMEC15-MAZ_13 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEC15-MAZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.Q
1 of 5
North America only
FEATURES:
Connector on Input & Output
RoHS compliant
Operating temperature: -40 to +80°C
Soft start
Over load, Over Voltage, Short Circuit Protection
Energy Star compliant
Optional DIN Rail mounting bracket
CE, cULus, CB approvals
Universal input: 90-264VAC, 47-440Hz
4000VAC I/O Isolation
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input voltage
(VDC)
Output
Voltage
(V)
Output
Current
max (A)
Maximum
Capacitive Load
(µF)
Efficiency
(%)
AMEC15-3.3SMAZ
90-264/47-440
120-370
3.3
3
4700
74
AMEC15-5SMAZ
90-264/47-440
120-370
5
3
2200
78
AMEC15-12SMAZ
90-264/47-440
120-370
12
1.25
1000
81
AMEC15-15SMAZ
90-264/47-440
120-370
15
1
680
81
AMEC15-24SMAZ
90-264/47-440
120-370
24
0.63
470
83
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input voltage
(VDC)
Output
Voltage
(V)
Output
Current
max (A)
Maximum
Capacitive Load
(µF)
Efficiency
(%)
AMEC15-5DMAZ
90-264/47-440
120-370
±5
±1.5
±1000*
78
AMEC15-12DMAZ
90-264/47-440
120-370
±12
±0.63
±470*
80
AMEC15-15DMAZ
90-264/47-440
120-370
±15
±0.5
±330*
81
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
350
mA
230VAC
180
mA
Inrush current <2ms
115 VAC
10
A
230 VAC
20
A
Leakage current
115 VAC
0.1
mA
264 VAC
0.2
mA
External Fuse (recommend)
slow blow type
2
A
Input Dissipation
No load
<0.5
W
Under Voltage Protection
88
VAC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
LL-HL
±0.5
%
Load regulation (single output)
0-100%
±0.5
%
Cross regulation (dual output)
25% load - 1st out, 100% load – 2nd out
±5
%
Transient Recovery Time
200
µs
Transient Recovery Deviation
25% load step
±2
% of Vout
Ripple & Noise*
20MHz bandwidth
100
mVp-p
Hold-up time
min
20
ms
*Ripple & Noise measured with 1μF M/C and 47μF E/C
CB


Similar Part No. - AMEC15-MAZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEC15-MAZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AME15-CJZ AIMTEC-AME15-CJZ Datasheet
174Kb / 5P
15 Watt | AC-DC / DC-DC Converter
AME15-JZ AIMTEC-AME15-JZ Datasheet
174Kb / 3P
15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com