Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS331 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS331 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AS331_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS331_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331
Data Sheet
7
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Supply Voltage (V)
Low to High
High to Low
R
L=5.1K
Input Overdrive Voltage=5mV
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Supply Voltage (V)
Low to High
High to Low
R
L=5.1K
Input Overdrive Voltage=100mV
Figure 15. Response Time for Negative Transition
Figure 14. Response Time for Positive Transition
Figure 12. Response Time vs. Supply Voltage
Figure 13. Response Time vs. Supply Voltage
Input Overdrive Voltage=100mV
5mV
20mV
10mV
Input
Output
VCC=5V, RL=5.1KΩ
Input
100mV
Input Overdrive
Voltage=5mV
20mV 10mV
Output
VCC=5V, RL=5.1KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com