Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM7464N Datasheet(PDF) 1 Page - Analog Power

Part # AM7464N
Description  N-Channel 60-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7464N Datasheet(HTML) 1 Page - Analog Power

  AM7464N Datasheet HTML 1Page - Analog Power AM7464N Datasheet HTML 2Page - Analog Power AM7464N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM7464N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7464_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
82 @VGS=10V
6.4
115 @VGS=4.5V
5.4
PRODUCT SUMMARY
60
N-Channel 60-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOIC-8PP saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
60
VGS
20
TA=25
oC6.4
TA=70
oC5.3
IDM
20
IS
2.3
A
TA=25
oC5.0
TA=70
oC3.2
TJ, Tstg -55to150
oC
Power Dissipation
a
PD
OperatingJunctionandStorage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
PulsedDrainCurrent
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous DrainCurrent
a
ID
A
Symbol
Maximum Units
t <=10sec
25
oC/W
SteadyState
65
oC/W
THERMALRESISTANCERATINGS
Parameter
MaximumJunction-to-Ambient
a
RθJA
S
S
S
G
1
2
3
4
SOIC-8PP
Top View
D
D
D
D
8
7
6
5
D
S
G
N-Channel MOSFET


Similar Part No. - AM7464N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM7464N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com