Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH2430 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2430
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH SFH2430 Datasheet HTML 7Page - OSRAM GmbH SFH2430 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
29.06.2006
page 2 of 8
Standard silicon (Si) photo detectors have a
spectral response ranging from 1100nm
right down to 350nm with the peak sensitivity
around
880nm.
Human
eyes,
however,
detect a much narrower wavelength range,
namely from 400 nm to 700 nm with the
peak sensitivity at 560nm (Figure 1).
Figure
1:
Spectral
sensitivity
of
a
standard Si-detector compared to the
human eye
Ambient Light Sensors versus standard
Silicon detectors
Most light sources emit both visible and IR
light. Different light sources can have similar
visible brightness (LUX) but different IR
emissions (Figure 2).
Figure 2: Spectral emission of different
light sources compared to the spectral
sensitivity of human eye (V lambda)
These
differences
in
the
emission
characteristics and the spectral sensitivity of
the detector have to be taken into account
when measuring brightness. Standard Si-
detectors that detect mostly IR radiation
(peak sensitivity at 880nm) can give you a
false reading as to what the real ambient
visible conditions are. In other words, for
light sources with a high contribution of IR
light, the signal received by a standard Si-
detector would suggest a much brighter
situation than our eyes actually see.
Figure 3 illustrates this effect. It shows the
signals a standard Si-detector yields for
different light sources compared to the
signals that a “human eye like” detector
would see. For IR-rich light sources like light
bulbs the Si-detector signals are much
higher than those of the “human eye”
detector. Lighting which is controlled by such
Si-sensors will not resemble the optimum
brightness as felt by humans. To establish a
more suitable dimming or lighting control, it
is essential to find a sensor which emulates
human eyes as closely as possible.
Figure 3: Signals received by a standard
Si-detector for different light sources at
the same brightness (500lx) compared to
a
detector
with
perfect
human
eye
characteristics
Si-Ambient light sensors have a spectral
response ranging from 1100nm right down
to 350nm but with the peak sensitivity
around 560nm. This peak is nearly identical
to
the
human
eye
spectral
sensitivity
maximum. Most ambient light sensors are
also based on Si, but they use different chip
structures and filter layers to shift the peak
sensitivity and to suppress as much IR
radiation
as
possible.
The
degree
of
matching between the sensor’s spectral
sensitivity and the human eye curve is an
indicator of the performance of an ambient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com