Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2304 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2304
Description  3MHz, 1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2304 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2304 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage..................................-0.3V to 6.0V
EN, FB Pin Voltage.............................-
SW Pi n Voltage.....................-
0.3V to V
0.3V to
V +0.3V
Junction Temperature................................150°C
Storage Temperature Range........-65°C to 150°C
Soldering Temperature......................300°C 5sec
(
)
IN
IN
,
Recommended Operating Conditions
Supply Voltage................................2.5V to 5.5V
°C
°C
°C
°C
Operation Temperature Range.........-40
to 85
Junction Temperature Range........-40
to 125
Thermal Information
Par ameter
Symbol
Package
Maximum
Unit
TSOT23-5
Note
130
TDFN22-8
23.4
Thermal Resistance
(Junction to Case)
θJC
TDFN22-6
25
TSOT23-5
250
TDFN22-8
70
Thermal Resistance
(Junction to Ambient)
θ
JA
TDFN22-6
68
°C/W
TSOT23-5
400
TDFN22-8
1400
Internal Power Dissipation
( TA=25°C)
PD
TDFN22-6
980
mW
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2304
3MHz, 1A Step-Down DC-DC Converter
Note:
The maximun output current for TSOT23-5 package is limited by internal power dissipation capacity a s
described in Application Information hereinafter.
11/2011 Rev1.1
TSOT23
TDFN22-8
TDFN22-6
Name
Function
1
8
4
EN
Enable control input. Force this pin voltage above 1.5V, enables
the chip, and below 0.3V s huts down the device.
2
-
6
GND
Ground
3
5,6
1
SW
The drains of the internal main and synchronous power MOSFET.
4
3
5
VIN
Chip main power supply pin
5
1
3
FB
Feedback voltage to internal error amplifier, the threshold voltage
is 0.6V.
-
2
-
AGND
Analog ground.
-
4
-
PGND
Main power ground return pin.
-
7
2
NC
No connected
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com