Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY06C2R2 Datasheet(PDF) 1 Page - AVX Corporation

Part # CY06C2R2
Description  Glass Capacitors CY06, 07, 08 (QPL to MIL-C-11272/13/14/15)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CY06C2R2 Datasheet(HTML) 1 Page - AVX Corporation

  CY06C2R2 Datasheet HTML 1Page - AVX Corporation CY06C2R2 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APPLICATIONS
These precision miniature glass capacitors, AVX style CY0,
meet
or
exceed
all
requirements
of
MIL-C-11272.
Constructed of a fused monolithic capacitive element in a
rectangular case with gold-plated radial Dumet leads, this
series permits high packaging efficiency for printed circuit
applications where extremely stable, low-loss capacitors
are required.
PERFORMANCE CHARACTERISTICS
Tolerance: Available tolerances for each value of capaci-
tance are shown in the ordering information table. For codes,
refer to the Part Numbers paragraph.
Temperature Coefficient: +140 ±25 ppm/°C at 100kHz.
TC will track and retrace to within ±5 ppm. Capacitance drift
is less than 0.1% or 0.1pF, whichever is greater.
Voltage Coefficient: Zero.
Losses: Extremely low, and remain relatively low at elevated
temperatures. Dissipation factor at 1kHz and 25°C is less
than 0.001 for values greater than 100pF and less than
0.002 for values of 100pF and below.
Life: After 2,000 hours at 125°C with 150% of rated voltage
applied, capacitance change is less than 0.5% or 0.5 pF;
dissipation factor is less than 0.0025 for values above 100
pF and less than 0.0045 for values of 100 pF and below.
Insulation Resistance: Greater than 100,000 megohms at
25°C; greater than 10,000 megohms at 125°C.
Voltage/Temperature Rating: 300 WVDC over the
temperature range of -55°C to +125°C with no derating
required.
Additional performance details are given in the AVX
“Performance Characteristics of Multilayer Glass Dielectric
Capacitors” technical paper.
10
Glass Capacitors
CY06, 07, 08 (QPL to MIL-C-11272/13/14/15)
DIMENSIONS:
millimeters (inches)
Case
LW
T
S
Weight
Size
±0.13
±0.25
±0.13
±0.51
(Grams)
(±0.005)
(±0.010)
(±0.005)
(±0.020)
CY06
7.62
5.08
2.92
5.08
(0.300)
(0.200)
(0.115)
(0.200)
.3 – .4
CY07
7.62
7.62
2.92
5.08
(0.300)
(0.300)
(0.115)
(0.200)
.4 – .5
CY08
12.70
7.62
2.92
10.16
(0.500)
(0.300)
(0.115)
(0.400)
.7 – .8
Note: All leads are 24 AWG, 0.51 ± .05 (0.020 ± 0.002) diameter. Leads are
solderable and weldable gold-plated Dumet, per MIL-STD-1276, Type D.
CY06C
786C
AVX
CY06
CY07
CY08
CY07C
821F
AVX
CY08C
202J
AVX
L
W
S
T
1.27
±0.51
(.050
±.020)
Leads on centerline
within
±0.51 (±.020)
31.75
(1.250)
Min.


Similar Part No. - CY06C2R2

ManufacturerPart #DatasheetDescription
logo
Pro-Power
CY0.75MM3C100M PROPOWER-CY0.75MM3C100M Datasheet
121Kb / 2P
CY Cable
20/12/11 V1.1
CY0.75MM3C100M PROPOWER-CY0.75MM3C100M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
CY0.75MM3C100M PROPOWER-CY0.75MM3C100M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
CY0.75MM3C50M PROPOWER-CY0.75MM3C50M Datasheet
121Kb / 2P
CY Cable
20/12/11 V1.1
CY0.75MM3C50M PROPOWER-CY0.75MM3C50M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
More results

Similar Description - CY06C2R2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421A1721A003 EPCOS-B78421A1721A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1648A005 EPCOS-B78386P1648A005_08 Datasheet
78Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78388P1254A005 EPCOS-B78388P1254A005_08 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1114A005 EPCOS-B78386P1114A005 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421P1649A005 EPCOS-B78421P1649A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
logo
Samtec, Inc
ASP-134604-01 SAMTEC-ASP-134604-01 Datasheet
785Kb / 4P
1. VITA 57 CONNECTOR.2. FILL ROWS 03, 04, 07 & -08 ONLY
logo
AVX Corporation
CYR10 AVX-CYR10 Datasheet
91Kb / 2P
Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
logo
XP Power Limited
LDU0516S300 XPPOWER-LDU0516S300 Datasheet
125Kb / 2P
LED Driver LDU05/07/14 Series
logo
Belden Inc.
MIL-C-17G BELDEN-MIL-C-17G Datasheet
664Kb / 10P
MIL-C-17G QPL Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com