Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC105 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 2 Page - Microchip Technology

  TC105_13 Datasheet HTML 1Page - Microchip Technology TC105_13 Datasheet HTML 2Page - Microchip Technology TC105_13 Datasheet HTML 3Page - Microchip Technology TC105_13 Datasheet HTML 4Page - Microchip Technology TC105_13 Datasheet HTML 5Page - Microchip Technology TC105_13 Datasheet HTML 6Page - Microchip Technology TC105_13 Datasheet HTML 7Page - Microchip Technology TC105_13 Datasheet HTML 8Page - Microchip Technology TC105_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC105
DS21349C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Voltage on VDD....................................... -0.3V to +12V
EXT Output Current ........................................±100mA
Voltage on VOUT, EXT,
SHDN Pins .....................................-0.3V to VDD +0.3V
Power Dissipation.............................................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC105 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Note 1, fOSC = 300 kHz; TA = 25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Operating Supply Voltage
2.2
10.0
V
VDDMIN
Minimum Input Voltage
0.9
2.2
V
EXT = High; No external components;
VOUT = 0V, SHDN = VIN
IDD
Operating Supply Current
57
67
102
122
A
No external components; VR = 3.0V, 3.3V
VOUT = 0V, SHDN = VIN VR = 5.0V
ISTBY
Standby Supply Current
15
16
27
29
A
No external components; VR = 3.0V, 3.3V
VOUT = SHDN = VIN
VR = 5.0V
ISHDN
Shutdown Supply Current
0.5
ASHDN = GND
fOSC
Oscillator Frequency
255
300
345
kHz
VIN = VOUT + 0.3V
VOUT
Output Voltage
VR x 0.975
VR
VR x 1.025
Note 2
DTYMAX Maximum Duty Cycle (PWM Mode)
100
%
DTYPFM
Duty Cycle (PFM Mode)
15
25
35
%
IOUT = 0mA
VIH
SHDN Input Logic High
0.65
V
VOUT = 0V, No external components
VIL
SHDN Input Logic Low
0.20
V
VOUT = 0V, No external components
REXTH
EXT ON Resistance to VDD
17
16
12
24
22
17
No external components; VR = 3.0V
VR = 3.3V
VR = 5.0V
VOUT = SHDN = VIN, VEXT = (VIN – 0.4V)
REXTL
EXT ON Resistance to GND
15
14
10
20
19
14
No external components; VR = 3.0V
VR = 3.3V
VR = 5.0V
VOUT = 0V, SHDN = VIN, VEXT = 0.4V
Efficiency
92
%
Note
1:
VR = 3.0V, VIN = 4.5V, IOUT = 200mA
VR = 3.3V, VIN = 5.0V, IOUT = 220mA
VR = 5.0V, VIN = 7.5V, IOUT = 320mA
2:
VR is the factory output voltage setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com