Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC2014 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC2014_13 Datasheet HTML 3Page - Microchip Technology TC2014_13 Datasheet HTML 4Page - Microchip Technology TC2014_13 Datasheet HTML 5Page - Microchip Technology TC2014_13 Datasheet HTML 6Page - Microchip Technology TC2014_13 Datasheet HTML 7Page - Microchip Technology TC2014_13 Datasheet HTML 8Page - Microchip Technology TC2014_13 Datasheet HTML 9Page - Microchip Technology TC2014_13 Datasheet HTML 10Page - Microchip Technology TC2014_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 7
TC2014/2015/2185
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Line Transient Response.
(COUT = 1 µF).
FIGURE 2-20:
Load Transient Response in
Dropout. (COUT = 10 µF).
FIGURE 2-21:
Shutdown Delay Time.
FIGURE 2-22:
Wake-Up Response.
FIGURE 2-23:
PSRR vs. Frequency
(COUT = 1 µF Ceramic).
FIGURE 2-24:
PSRR vs. Frequency
(COUT = 10 µF Ceramic).
100mA
150mA
VOUT
100mV/DIV
VIN = 3.105V
VOUT = 3.006V
CIN = 1 μF Ceramic
COUT = 10 μF Ceramic
RLOAD = 20 Ω
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 100000
0
Frequency (Hz)
VIN = 4.0V
VINAC = 100 mV
VOUTDC = 3.0V
COUT = 1µF Ceramic
CBYPASS = 0.01 µF Ceramic
IOUT = 50 mA
IOUT = 150 mA
IOUT = 100 mA
10
100
1k
10k
100k
1M
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 100000
0
Frequency (Hz)
VIN = 4.0V
VINAC = 100 mV
VOUTDC = 3.0V
COUT = 10 µF Ceramic
CBYPASS = 0.01 µF Ceramic
IOUT = 150 mA
IOUT = 100 mA
10
100
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com