Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC7650CPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7650CPA
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650CPA Datasheet(HTML) 3 Page - Microchip Technology

  TC7650CPA Datasheet HTML 1Page - Microchip Technology TC7650CPA Datasheet HTML 2Page - Microchip Technology TC7650CPA Datasheet HTML 3Page - Microchip Technology TC7650CPA Datasheet HTML 4Page - Microchip Technology TC7650CPA Datasheet HTML 5Page - Microchip Technology TC7650CPA Datasheet HTML 6Page - Microchip Technology TC7650CPA Datasheet HTML 7Page - Microchip Technology TC7650CPA Datasheet HTML 8Page - Microchip Technology TC7650CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21463C-page 3
TC7650
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) .......................+18V
Input Voltage .................... (VDD +0.3V) to (VSS – 0.3V)
Storage Temperature Range .............. -65°C to +150°C
Voltage on Oscillator Control Pins...............VDD to VSS
Duration of Output Short Circuit .....................Indefinite
Current Into Any Pin............................................ 10mA
While Operating (Note 3)............................ 100µA
Package Power Dissipation (TA  70°C)
8-Pin Plastic DIP ....................................... 730mW
14-Pin Plastic DIP ..................................... 800mW
Operating Temperature Range
C Device .......................................... 0°C to +70°C
*Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indi-
cated in the operation sections of the specifications is not
implied. Exposure to Absolute Maximum Rating conditions
for extended periods my affect device reliability.
TC7652 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = +5V, VSS = -5V, CA = CB = 0.1F, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Min.
Typ
Max
Units
Test Conditions
Input
VOS
Input Offset Voltage
±0.7
±1.0
±5
V
TA = +25°C
Over Operating Temp Range
V
OS/T
Input Offset Voltage Average
Temperature Coefficient
—0.01
0.05
V/°C
Operating Temperature Range
Offset Voltage vs. Time
100
nV/
month
IBIAS
Input Bias Current
1.5
35
100
10
150
400
pA
pA
pA
TA = +25°C
0°C
 T
A  +70°C
-25°C
 T
A  +85°C
IOS
Input Offset Current
0.5
pA
eNP-P
Input Noise Voltage
2
V
P-P
RS = 100, 0 to 10Hz
IN
Input Noise Current
0.01
—pA/
Hz f = 10Hz
RIN
Input Resistance
1012
CMVR
Common Mode Voltage Range
-5
-5.2 to +2
+1.6
V
CMRR
Common Mode Rejection Ratio
120
130
dB
CMVR = -5V to +1.5V
Output
A
Large Signal Voltage Gain
120
130
dB
RL = 10k
VOUT
Output Voltage Swing (Note 2)±4.7
±4.85
±4.95
V
V
RL = 10k
RL = 100k
Clamp ON Current
25
70
200
AR
L = 100k (Note 1)
Clamp OFF Current
1
pA
-4V < VOUT < +4V (Note 1)
Dynamic
BW
Unity Gain Bandwidth
2.0
MHz
Unity Gain (+1)
SR
Slew Rate
2.5
V/
sec C
L = 50pF, RL = 10k
tR
Rise Time
0.2
sec
Overshoot
20
%
fCH
Internal Chopping Frequency
120
200
375
Hz
Pins 12–14 Open (DIP)
Supply
VDD, VSS
Operating Supply Range
4.5
16
V
IS
Supply Current
2
3.5
mA
No Load
PSRR
Power Supply Rejection Ratio
120
130
dB
VS = ±3V to ±8V
Note
1:
See "Output Clamp" discussion.
2:
Output clamp not connected. See typical characteristics curves for output swing versus clamp current characteristics.
3:
Limiting input current to 100
A is recommended to avoid latch-up problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com