Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8627AKSZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8627AKSZ-R2
Description  Precision Low Power Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKSZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8627AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 16Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 17Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 18Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 19Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 20 of 20
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8625ARUZ
–40°C to +85°C
14-Lead TSSOP
RU-14
AD8625ARUZ-REEL
–40°C to +85°C
14-Lead TSSOP
RU-14
AD8625ARZ
–40°C to +85°C
14-Lead SOIC_N
R-14
AD8625ARZ-REEL
–40°C to +85°C
14-Lead SOIC_N
R-14
AD8625ARZ-REEL7
–40°C to +85°C
14-Lead SOIC_N
R-14
AD8626ARMZ-REEL
–40°C to +85°C
8-Lead MSOP
RM-8
BJA
AD8626ARMZ
–40°C to +85°C
8-Lead MSOP
RM-8
BJA
AD8626ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8626ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8626ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8627AKSZ-REEL
–40°C to +85°C
5-Lead SC70
KS-5
B9B
AD8627AKSZ-REEL7
–40°C to +85°C
5-Lead SC70
KS-5
B9B
AD8627AKSZ-R2
–40°C to +85°C
5-Lead SC70
KS-5
B9B
AD8627ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8627ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8627ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
1
Z = RoHS Compliant Part; # denotes product may be top or bottom marked.
2
For the AD8627AKS models, pre-0542 parts were branded with B9A without #.
©2003–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03023-0-5/13(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com