Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1603 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1603
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1603 Datasheet HTML 1Page - Microchip Technology MCP1603 Datasheet HTML 2Page - Microchip Technology MCP1603 Datasheet HTML 3Page - Microchip Technology MCP1603 Datasheet HTML 4Page - Microchip Technology MCP1603 Datasheet HTML 5Page - Microchip Technology MCP1603 Datasheet HTML 6Page - Microchip Technology MCP1603 Datasheet HTML 7Page - Microchip Technology MCP1603 Datasheet HTML 8Page - Microchip Technology MCP1603 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 1
MCP1603/B/L
Features
• Over 90% Typical Efficiency
• Output Current Up To 500 mA
• Low PFM Quiescent Current = 45 µA, typical
(MCP1603/L)
• Low Shutdown Current = 0.1 µA, typical
• Adjustable Output Voltage:
- 0.8V to 4.5V
• Fixed Output Voltage:
- 1.2V, 1.5V, 1.8V, 2.5V, 3.3V (MCP1603/L)
- 1.8V, 3.3V (MCP1603B)
• 2.0 MHz Fixed-Frequency PWM (Heavy Load)
• Automatic PWM-to-PFM Mode Transition
(MCP1603/L)
• PWM Mode Only Option (MCP1603B)
• 100% Duty Cycle Operation
• Internally Compensated
• Undervoltage Lockout (UVLO)
• Overtemperature Protection
• Space Saving Packages:
- 5-Lead TSOT, Two Pinout Types (MCP1603/L)
- 8-Lead 2 x 3 DFN
Applications
• Cellular Telephones
• Portable Computers
•Organizers / PDAs
• USB Powered Devices
•Digital Cameras
• Portable Equipment
• +5V or +3.3V Distributed Systems
• Headsets
General Description
The MCP1603/B/L is a high-efficiency, fully-integrated
500 mA synchronous buck regulator whose 2.7V to
5.5V input voltage range makes it ideally suited for
applications powered from 1-cell Li-Ion or 2-cell/3-cell
NiMH/NiCd batteries.
At heavy loads, the MCP1603/B/L operates in the
2.0 MHz
fixed
frequency
pulse-width
modulation
(PWM) mode, which provides a low noise, low-output
ripple, small-size solution. When the load is reduced to
light levels, the MCP1603/L automatically changes
operation to a Pulse Frequency Modulation (PFM)
mode to minimize quiescent current draw from the
battery. No intervention is necessary for a smooth
transition from one mode to another. These two modes
of operation allow the MCP1603/L to achieve the
highest efficiency over the entire operating current
range.
The MCP1603B device disables the PFM mode
switching, and operates only in normal PWM mode
over
the
entire
load
range
(without
skipping).
MCP1603B is for applications that cannot tolerate the
low-frequency output ripple associated with PFM
switching.
The MCP1603/B/L family is available with either an
adjustable or fixed-output voltage. The available fixed
output voltage options for MCP1603/L are 1.2V, 1.5V,
1.8V, 2.5V and 3.3V, and for MCP1603B are 1.8 and
3.3V. When a fixed option is used, only three additional
small external components are needed to form a
complete solution. Couple this with the low profile,
small-foot print packages and the entire system
solution is achieved with minimal size.
Additional
protection
features
include:
UVLO,
overtemperature and overcurrent protection.
2.0 MHz, 500 mA Synchronous Buck Regulator


Similar Part No. - MCP1603

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603-120I/MC MICROCHIP-MCP1603-120I/MC Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603-120I/OS MICROCHIP-MCP1603-120I/OS Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603-150I/MC MICROCHIP-MCP1603-150I/MC Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603-150I/OS MICROCHIP-MCP1603-150I/OS Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
More results

Similar Description - MCP1603

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Microchip Technology
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
500 mA Synchronous BUCK Regulator
11/29/12
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com