Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STN3P6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN3P6F6
Description  P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3P6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STN3P6F6 Datasheet HTML 1Page - STMicroelectronics STN3P6F6 Datasheet HTML 2Page - STMicroelectronics STN3P6F6 Datasheet HTML 3Page - STMicroelectronics STN3P6F6 Datasheet HTML 4Page - STMicroelectronics STN3P6F6 Datasheet HTML 5Page - STMicroelectronics STN3P6F6 Datasheet HTML 6Page - STMicroelectronics STN3P6F6 Datasheet HTML 7Page - STMicroelectronics STN3P6F6 Datasheet HTML 8Page - STMicroelectronics STN3P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
March 2013
DocID023758 Rev 4
1/12
12
STN3P6F6
P-channel 60 V, 0.13
Ω typ., 3 A STripFET™ VI DeepGATE™
Power MOSFET in a SOT-223 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• RDS(on) * Qg industry benchmark
• Extremely low on-resistance RDS(on)
• High avalanche ruggedness
• Low gate drive power losses
Applications
• Switching applications
Description
This device is a P-channel Power MOSFET
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
Note:
For the P-channel Power MOSFET the actual polarity of the voltages and the current must
be reversed.
SOT-223
1
2
4
3
D (2, 4)
G (1)
S (3)
Order code
VDSS
RDS(on)max
ID
STN3P6F6
60 V
0.16
Ω @ 10 V
3 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STN3P6F6
STN3P6F6
SOT-223
Tape and reel
www.st.com


Similar Part No. - STN3P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
253Kb / 12P
P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
27-Mar-2008
logo
VBsemi Electronics Co.,...
STN3PF06 VBSEMI-STN3PF06 Datasheet
929Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
27-Mar-2008
More results

Similar Description - STN3P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
N-channel 60 V, 1.7 mΩ typ., 180 A STripFET™VI DeepGATE??Power MOSFET in H²PAK-2 package
06-Jul-2012
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
20-Mar-2013
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
July 2012 Rev 1
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
N-channel 60 V, 3.3 mΩ typ., 25 A STripFET™ VI DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
March 2014 Rev 3
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com