Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT7530-2 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7530-2
Description  100mA Low Power LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-2 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7530-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3-pin TO92 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.170
¾
0.200
B
0.170
¾
0.200
C
0.500
¾¾
D
0.011
¾
0.020
E
0.090
¾
0.110
F
0.045
¾
0.055
G
0.045
¾
0.065
H
0.130
¾
0.160
a
0
°¾
10
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.32
¾
5.08
B
4.32
¾
5.08
C
12.70
¾¾
D
0.28
¾
0.51
E
2.29
¾
2.79
F
1.14
¾
1.40
G
1.14
¾
1.65
H
3.30
¾
4.06
a
0
°¾
10
°
HT75xx-2
Rev. 1.40
7
April 30, 2013
A
B
C
E
F
G
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com