Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIPER06LSTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER06LSTR
Description  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06LSTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER06LSTR Datasheet HTML 14Page - STMicroelectronics VIPER06LSTR Datasheet HTML 15Page - STMicroelectronics VIPER06LSTR Datasheet HTML 16Page - STMicroelectronics VIPER06LSTR Datasheet HTML 17Page - STMicroelectronics VIPER06LSTR Datasheet HTML 18Page - STMicroelectronics VIPER06LSTR Datasheet HTML 19Page - STMicroelectronics VIPER06LSTR Datasheet HTML 20Page - STMicroelectronics VIPER06LSTR Datasheet HTML 21Page - STMicroelectronics VIPER06LSTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Burst mode
VIPER06
18/28
Doc ID 022794 Rev 1
Figure 23.
COMP pin voltage versus IDRAIN
13
Burst mode
When the voltage VCOMP drops below the threshold, VCOMPL, the power MOSFET is kept in
the OFF state and the consumption is reduced to the IDD0 current, as reported on Table 6 on
page 7. In reaction to the loss of energy, the VCOMP voltage increases and as soon as it
exceeds the threshold VCOMPL + VCOMPL_HYS, the converter starts switching again with a
level of consumption equal to the IDD1 current. This ON-OFF operation mode, referred to as
“burst mode” and shown in Figure 24 on page 18, reduces the average frequency, which can
go down even to a few hundreds hertz, thus minimizing all frequency-related losses and
making it easier to comply with energy-saving regulations. During burst mode, the drain
current limit is reduced to the value IDlim_bm (given inTable 7 on page 8) in order to avoid the
audible noise issue.
Figure 24.
Load-dependent operating modes: timing waveforms
AM01095v1
VCOMPH
VCOMPL
IDlim_bm
IDlim
IDRAIN
VCOMP
time
time
time
V
COMP
V
COMPL +VCOMPL_HYS
V
COMPL
I
DD1
I
DD0
I
DD
I
DRAIN
I
Dlim_bm
Burst Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com