Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCIMX53-START Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX53-START
Description  Enabling 1080p HD and cost-saving integration in tablets and smart mobile devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX53-START Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX53-START Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX53-START Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
The i.MX53 family of processors represents
our next generation of advanced multimedia
and power-efficient implementation of
the ARM® Cortex™-A8 core. With core
processing speeds up to 1.2 GHz,
i.MX535 processors are optimized for both
performance and power to meet the demands
of high-end, advanced applications requiring
mobility and a long battery life. 1080p HD
video decode and HD video encode, two
dedicated graphics cores, multiple display
and connectivity options, and a high level of
integration make these processors ideal for
smart mobile devices.
Software Flexibility
Development on the i.MX535 is made easy
with a range of Freescale-provided board
support packages (BSPs) optimized for
multimedia performance and low-power
operation. BSPs are available for the following
operating systems:
• Android™
• Windows® Embedded Compact 7
• Linux®
Tablets and Smart Mobile
Devices
i.MX535 applications processors balance
the performance, power consumption,
connectivity and multimedia capabilities
necessary to drive the latest consumer
products. These processors are ideal
for products that require advanced user
interfaces, sophisticated video processing,
multiple connectivity options and a high level
of system integration. These features are
the building blocks to power the next great
applications at an approachable price target.
i.MX
Target Applications
• Tablets
• Smartmobiledevices
• Gamingdevicesandconsoles
• Smartmonitors
• Digitalsignage
• Telehealth
• Video-enabledIPphones
Benefits
• Ultra-fastprocessingandhigh-
performance multimedia capabilities
• Completehardwareandsoftwarepackage
provided to enable faster time to market
and lower R&D investment
• Dedicatedvideoandindependent
2D/3D graphics hardware acceleration
engines provides best-in-class
performance for power
• IncreasedcorespeedimprovesWeb
browsing experience
• Upto2GBexternalmemorysupport
prepares your end device for cloud
computing applications and future OSs
and browsers
• LP-DDR2,LV-DDR2,DDR2-800and
DDR3-800 SDRAM ready for greater
design flexibility
• Optimizedforlow-poweroperationtogive
best performance for battery life
• Smartlyintegratedi.MX53offersmoreon
chip,includingLVDS,USBPHYs,Ethernet
and SATA, reducing the need for external
components and passing on significant
BOM savings
Features
CPU Complex
• Upto1.2GHzARMCortex-A8
• 32KBinstructionanddatacaches
• Unified256KBL2cache
• NEONSIMDmediaaccelerator
• Vectorfloatingpointcoprocessor
Multimedia
• IndependentOpenGL® ES 2.0 and
OpenVG™1.1hardwareaccelerators
• Multi-format1080pHDvideodecoderand
720p HD video encoder hardware engine
• 24-bitprimarydisplaysupportupto
WSXGA resolution
• 18-bitsecondarydisplaysupport
• Analog720pHDcomponentTVoutput
• High-qualityhardwarevideode-interlacing
• Imageandvideoresize,inversionand
rotation hardware
• Alphablendingandcolorspaceconversion
• Video/graphicscombinesfourplanesand
hardware cursor
• Displayqualityenhancementincludescolor
correction, gamut mapping and gamma
correction
External Memory Interface
• Upto2GBLP-DDR2,LV-DDR2,DDR2
andDDR3SDRAM,16/32-bit
• SLC/MLCNANDflash,8/16-bit
Advanced Power Management
• Multipleindependentpowerdomains
• Dynamicvoltageandfrequencyscaling
Connectivity
• High-SpeedUSB2.0OTGwithPHY
• High-SpeedUSB2.0hostwithPHY
• TwoadditionalHigh-SpeedUSB2.0
controllers
• IntegratedLVDSdisplayinterface
• Widearrayofserialinterfaces,including
SDIO,SPI,I2CandUART
• I2SandS/PDIFaudiointerfaces
• 10/100Ethernetcontroller
• PATA
• SATAcontrollerandPHYupto1.5Gbps
Security
• Securitycontroller,includingsecureRAM
and security monitor
• Highassuranceboot,JTAGcontrollerand
real-time clock
• Cipherandrandomnumbergenerator
accelerators
• Run-timeintegritychecker
• Universaluniqueidentification
• Tamperdetection
i.MX Applications Processor for Multimedia
i.MX535 Applications Processor
Enabling 1080p HD and cost-saving integration
in tablets and smart mobile devices


Similar Part No. - MCIMX53-START

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX53-START FREESCALE-MCIMX53-START Datasheet
318Kb / 2P
i.MX53 Quick Start Development Board
MCIMX53-START FREESCALE-MCIMX53-START Datasheet
469Kb / 2P
Enabling enhanced graphics and connectivity for industrial and medical devices
More results

Similar Description - MCIMX53-START

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Freescale Semiconductor...
IMX537INDFS FREESCALE-IMX537INDFS Datasheet
469Kb / 2P
Enabling enhanced graphics and connectivity for industrial and medical devices
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
Device Interfaces and Integration
logo
List of Unclassifed Man...
CM-IMX53 ETC2-CM-IMX53 Datasheet
1Mb / 31P
Smart Mobile Devices
logo
Silicon Laboratories
SI7034 SILABS-SI7034 Datasheet
538Kb / 29P
Mobile smartphones and tablets
logo
List of Unclassifed Man...
IQS229 ETC2-IQS229_16 Datasheet
1Mb / 18P
SAR compliance in mobile devices according to the IEC 62209-2 ed1.0 standard and the FCC standard (KDB 616217 - D04 SAR for laptop and tablets
logo
OmniVision Technologies...
OV5645 OMNIVISION-OV5645 Datasheet
1Mb / 2P
High Quality 5-Megapixel Photography and HD Video for Low-Cost Mobile Devices
logo
Broadcom Corporation.
AFBR-S20M2XX BOARDCOM-AFBR-S20M2XX Datasheet
267Kb / 2P
Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
logo
Texas Instruments
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com