Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB10ZEE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3USB10ZEE
Description  3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10ZEE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3USB10ZEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10ZEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10ZEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10ZEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10ZEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10ZEE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PI3USB10
3.3V, Wide Bandwidth, 2-Channel,
2:1 Mux/DeMux USB 2.0 Switch
PS8718B
03/16/06
Pin #1
Corner
2.50 REF.
0.50 TYP.
0.20 REF.
Package Mechanical: 12-Contact TDFN (ZE)
Ordering Information
Ordering Code
Package Code
Package Description
Top Marking
PI3USB10ZEE
ZE
Pb-free & Green, 12-contact TDFN
YJE
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
06-0013



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com