Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDD200 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MDD200
Description  High Power Diode Modules DC supply for PWM inverter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD200 Datasheet(HTML) 2 Page - IXYS Corporation

  MDD200 Datasheet HTML 1Page - IXYS Corporation MDD200 Datasheet HTML 2Page - IXYS Corporation MDD200 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2008 IXYS All rights reserved
2 - 3
20080128a
MDD 200
IXYS reserves the right to change limits, test conditions and dimensions.
0
25
50
75
100
125
150
0
100
200
300
0
100
200
300
400
0
25
50
75
100
125
150
1
10
105
106
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
0
100 200 300 400 500 600
0
200
400
600
800
1000
1200
1400
1600
I
FAVM [A]
T
A [°C]
T
C [°C]
s
t [s]
0
25
50
75
100
125
150
0
100
200
300
400
0.001
0.01
0.1
1
10
200
600
1000
1400
1800
0
400
800
1200
1600
2000
0.5
1.5
0.0
1.0
2.0
0
100
200
300
400
500
V
R = 0 V
T
VJ = 45°C
V
F [V]
80 % V
RRM
T
VJ =
45°C
T
VJ = 125°C
50 Hz
t [ms]
T
VJ = 125°C
180° sin
120°
60°
30°
DC
1.2
2.0
0.2
0.3
0.5
0.8
R
thKA K/W
0.1
I
dAVM [A]
T
A [°C]
Circuit
B6
0.10
0.04
0.02
R
thKA K/W
0.30
0.07
0.15
0.20
t [s]
T
C =
85°C
T
VJ = 150°C
T
VJ = 125°C
T
VJ = 25°C
180° sin
120°
60°
30°
DC
Fig. 1 Surge overload current
I
FSM: Crest value, t: duration
Fig. 2 I2t versus time (1-10 ms)
Fig. 3 Maximum forward current
at case temperature
Fig. 4 Power dissipation versus forward current
and ambient temperature (per diode)
Fig. 5 Rated RMS current versus
time (360° conduction)
Fig. 6 Three phase rectifier bridge: Power dissipation versus
direct output current and ambient temperature
Fig. 7 Forward current versus
voltage drop



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com