Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA2JF8100L Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # DA2JF8100L
Description  Silicon epitaxial planar type For high speed switching circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DA2JF8100L Datasheet(HTML) 2 Page - Panasonic Battery Group

  DA2JF8100L Datasheet HTML 1Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 2Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 3Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 4Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Standards
Fast Recovery Diode
DA2JF8100L
Electrical Characteristics Ta = 25
C  3 C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the
charge of a human body and the leakage of current from the operating equipment.
3. *1 trr measurement circuit
Page
Irr = 0.25 x IR
IF = 100 mA, IR = 200mA
Unit
Max
1
μA
2.5
μA
10
4
Min
Typ
V
2of
Parameter
Symbol
Conditions
Forward voltage
VF
IF = 200 mA
Reverse recovery time
*1
trr
IRRM1
VRRM = 400 V
IRRM2
VRRM = 800 V
Reverse current
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
10
45
ns
0.6
pF
50 Ω
50 Ω
5.5 Ω
D.U.T.
IF
IR
0.25 × IR
trr
Doc No. TT4-EA-11686
Revision. 3
Established : 2009-10-23
Revised
: 2013-05-31



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com