Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BU52012NVX Datasheet(PDF) 6 Page - Rohm

Part # BU52012NVX
Description  Unipolar Detection Hall ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012NVX Datasheet(HTML) 6 Page - Rohm

Back Button BU52012NVX Datasheet HTML 2Page - Rohm BU52012NVX Datasheet HTML 3Page - Rohm BU52012NVX Datasheet HTML 4Page - Rohm BU52012NVX Datasheet HTML 5Page - Rohm BU52012NVX Datasheet HTML 6Page - Rohm BU52012NVX Datasheet HTML 7Page - Rohm BU52012NVX Datasheet HTML 8Page - Rohm BU52012NVX Datasheet HTML 9Page - Rohm BU52012NVX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
6/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BU52013HFV (Unless otherwise specified, VDD=1.80V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Supply Voltage
VDD
1.65
1.80
3.30
V
Operate Point
BopN
-5.0
-3.0
-
mT
Release Point
BrpN
-
-2.1
-0.6
mT
Hysteresis
BhysN
-
0.9
-
mT
Period
TP
-
50
100
ms
Output High Voltage
VOH
VDD
-0.2
-
-
V
BrpN<B
11
IOUT =-0.5mA
Output Low Voltage
VOL
-
-
0.2
V
B<BopN
11
IOUT =+0.5mA
Supply Current 1
IDD1(AVG)
-
3.5
5.5
µA
VDD=1.8V, Average
Supply Current
During Startup Time 1
IDD1(EN)
-
2.8
-
mA
VDD=1.8V,
During Startup Time Value
Supply Current
During Standby Time 1
IDD1(DIS)
-
1.8
-
µA
VDD=1.8V,
During Standby Time Value
Supply Current 2
IDD2(AVG)
-
6.5
9
µA
VDD=2.7V, Average
Supply Current
During Startup Time 2
IDD2(EN)
-
4.5
-
mA
VDD=2.7V,
During Startup Time Value
Supply Current
During Standby Time 2
IDD2(DIS)
-
4.0
-
µA
VDD=2.7V,
During Standby Time Value
11. B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com