Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX705CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX705CSA
Description  Low-Cost, μP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX705CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX705CSA Datasheet HTML 1Page - Maxim Integrated Products MAX705CSA Datasheet HTML 2Page - Maxim Integrated Products MAX705CSA Datasheet HTML 3Page - Maxim Integrated Products MAX705CSA Datasheet HTML 4Page - Maxim Integrated Products MAX705CSA Datasheet HTML 5Page - Maxim Integrated Products MAX705CSA Datasheet HTML 6Page - Maxim Integrated Products MAX705CSA Datasheet HTML 7Page - Maxim Integrated Products MAX705CSA Datasheet HTML 8Page - Maxim Integrated Products MAX705CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAX705–MAX708/MAX813L
Low-Cost, µP Supervisory Circuits
2
Maxim Integrated
Terminal Voltage (with respect to GND)
VCC .............................................. -0.3V to 6.0V
All Other Inputs (Note 1) ............... -0.3V to (VCC + 0.3V)
Input Current
VCC ...................................................... 20mA
GND .................................................... 20mA
Output Current (all outputs) ............................. 20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ....... 727mW
SO (derate 5.88mW/°C above +70°C) ............... 471mW
µMAX (derate 4.10mW/°C above +70°C) ............ 330mW
CERDIP (derate 8.00mW/°C above +70°C) .......... 640mW
Operating Temperature Ranges
MAX70_C__, MAX813LC__ .................... 0°C to +70°C
MAX70_E__, MAX813LE__ ................... -40°C to +85°C
MAX70_MJA ................................ -55°C to +125°C
Storage Temperature Range
................ -65°C to +160°C
Lead Temperature (soldering, 10s) ................... +300°C
Soldering Temperature (reflow)
Lead(Pb)-free.................................................................+260°C
Containing Lead(Pb)......................................................+240°C
ELECTRICAL CHARACTERISTICS
(VCC = 4.75V to 5.5V for MAX705/MAX707/MAX813L, VCC = 4.5V to 5.5V for MAX706/MAX708, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
MAX70_C
1.0
5.5
V
MAX813LC
1.1
5.5
MAX70_E/M, MAX813LE/M
1.2
5.5
Reset Threshold (Note 2)
VRT
MAX705, MAX707, MAX813L
4.50
4.65
4.75
MAX706, MAX708
4.25
4.40
4.50
40
mV
Reset Pulse Width (Note 2)
tRS
140
200
280
ms
RESET Output Voltage
ISOURCE = 800µA
VCC - 1.5
V
ABSOLUTE MAXIMUM RATINGS
Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA.
Reset Threshold Hysteresis (Note 2)
ISINK = 3.2mA
0.4
0.3
0.3
RESET Output Voltage
MAX707, MAX708, ISOURCE = 800µA
V
MAX707, MAX708, ISINK = 1.2mA
0.4
0.8
0.9
MAX813L
VCC - 1.5
0.4
Watchdog Timeout Period
tWD
MAX705, MAX706, MAX813L
1.00
1.60
2.25
s
WDI Pulse Width
tWP
VIL = 0.4V, VIH = (VCC) (0.8)
50
ns
WDI Input Threshold
0.8
V
3.5
MAX70_C, VCC = 1V, ISINK = 50µA
MAX70_E/M, VCC = 1.2V, ISINK = 100µA
MAX813LC, ISOURCE = 4µA, VCC = 1.1V
MAX813LE/M, ISOURCE = 4µA, VCC = 1.2V
ISOURCE = 800µA
ISINK = 3.2mA
Low
High
WDI Input Current
MAX705, MAX706, MAX813L, WDI = VCC
50
150
µA
MAX705, MAX706, MAX813L, WDI = 0V
-150
-50
WDO Output Voltage
VCC - 1.5
V
0.4
MAX705, MAX706, MAX813L,
VCC = 5V
MAX705, MAX706, MAX813L,
ISOURCE = 800µA
MAX705, MAX706, MAX813L,
ISINK = 1.2mA
V
VCC - 1.5
MAX707C, MAX708C
50
350
MAX707E/M, MAX708E/M
50
500
Supply Current
ISUPPLY
MAX705C, MAX706C, MAX813LC
150
350
µA
MAX705E/M, MAX706E/M, MAX813LE/M
150
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com