Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2951 Datasheet(PDF) 1 Page - First Components International

Part # LP2951
Description  100mA Low Drop Out Voltage Regulators Portable consumer equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2951 Datasheet(HTML) 1 Page - First Components International

  LP2951 Datasheet HTML 1Page - First Components International LP2951 Datasheet HTML 2Page - First Components International LP2951 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High accuracy output voltage
Guaranteed 100mA output
Very low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Needs only 1
µF for stability
Error Flag warns of output dropout
Logic-Controlled electronic shutdown
Output programmable from 1.24 to 29V
APPLICATIONS
• Battery powered systems
• Cordless telephones
• Radio control systems
• Portable/Palm top/Notebook computers
• Portable consumer equipment
• Portable Instrumentation
• Avionics
• Automotive Electronics
• SMPS Post-Regulator
• Voltage Reference
PRODUCT DESCRIPTION
The LP2950-XX/LP2951-XX is a low power voltage regulator. This device excellent choice for use in battery powered application such as c
ordless telephone, radio control systems, and portable computers.
The LP2950-XX/LP2951-XX features very low quiescent current (75
µA Typ.) and very low drop output voltage (Typ.
40mV at light load and 380mV at 100mA). This includes a tight initial tolerance of 0.5% typ., extremely good load
and line regulation of 0.05% typ., and very low output temperature coefficient, making the LP2950-XX/LP2951-XX
useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warn of a low output voltage, due to following batteries on input. Other feature i
s the logic-compatible shutdown input which enable the regulator to be switched on and off.
The LP2951-XX is available in 8-pin plastic packages. The regulator output voltage may be pin-strapped for a -XX volt or programmed from
1.24 volt to 29 volts with external pair of resistors.
The LP2950-XX is offered in 3-pin TO-92 package compatible with other fixed regulator.
Absolute Maximum Ratings
Power Dissipation
Internally Limited
Lead Temperature
(Soldering, 5 seconds)
260
°C
Storage Temperature Range
-65
°C to+150°C
Operating Junction Temperature Range
-55
°C to +150°C
Input Supply Voltage
-0.3 to +30V
Feedback Input Voltage
-1.5 to +30V
Shutdown Input Voltage
-0.3 to +30V
Error Comparator Output
-0.3 to +30V
Pin Connection
LP2951-XX
Top View
TO-92 Plastic Package
(LP2950-XX only)
Bottom View
Device Selection Guide
Vout
, V
olts
Device
2.85*
LP2950-2.85, LP2951-2.85
3.0
LP2950-3.0, LP2951-3.0
3.3
LP2950-3.3, LP2951-3.3
5.0
LP2950-5.0, LP2951-5.0
* - other versions are also available
Vout = 2.0V to 5.0V. Please consult factory for
more information
Figure 1. Adjustable Regulator
LP2950/LP2951 100mA Low Drop Out Voltage Regulators


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
logo
First Components Intern...
LP2950 FCI-LP2950_1 Datasheet
384Kb / 8P
150mA Low Drop Out Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
Low ESR Low Drop Out Voltage Regulators
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TPS76715-Q1 TI1-TPS76715-Q1 Datasheet
494Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com