Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY25561 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25561
Description  Spread Spectrum Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25561 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25561_13 Datasheet HTML 1Page - Cypress Semiconductor CY25561_13 Datasheet HTML 2Page - Cypress Semiconductor CY25561_13 Datasheet HTML 3Page - Cypress Semiconductor CY25561_13 Datasheet HTML 4Page - Cypress Semiconductor CY25561_13 Datasheet HTML 5Page - Cypress Semiconductor CY25561_13 Datasheet HTML 6Page - Cypress Semiconductor CY25561_13 Datasheet HTML 7Page - Cypress Semiconductor CY25561_13 Datasheet HTML 8Page - Cypress Semiconductor CY25561_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY25561
Document Number: 38-07242 Rev. *F
Page 3 of 12
Pinout
Figure 1. Pin Configuration
XIN/CLK
SSCLK
XOUT
CY25561
1
2
3
4
8
7
6
5
VDD
VSS
S0
S1
SSCC
Pin Definitions
Pin
Name
Type
Description
1XIN / CLK
I
Clock or crystal connection input. Refer to Table 1 for input frequency range selection.
2VDD
P
Positive power supply
3VSS
P
Power supply ground
4
SSCLK
O
Modulated clock output
5
SSCC
I
Spread spectrum clock control (enable/disable) function. SSCG function is enabled when
input is high and disabled when input is low. This pin is pulled high internally.
6
S1
I
Tri-level logic input control pin used to select frequency and bandwidth. Frequency/Bandwidth
selection and tri-level logic programming. See Figure 2. Pin 6 has internal resistor divider
network to VDD and VSS. Refer to Logic Block Diagram on page 1.
7
S0
I
Tri-level logic input control pin used to select frequency and bandwidth. Frequency/Bandwidth
selection and tri-level logic programming. See Figure 2. Pin 7 has internal resistor divider
network to VDD and VSS. Refer to Logic Block Diagram on page 1.
8XOUT
O
Oscillator output pin connected to crystal. Leave this pin unconnected If an external clock
drives XIN / CLK.
Table 1. Frequency and Spread Percentage Selection (Center Spread)
50–100 MHz (Low Range)
Input
Frequency
(MHz)
S1=M
S0=M
(%)
S1=M
S0=0
(%)
S1=1
S0=0
(%)
S1=0
S0=0
(%)
S1=0
S0=M
(%)
50–60
4.3
3.9
3.3
2.9
2.7
60–70
4.0
3.6
3.1
2.6
2.5
70–80
3.8
3.4
2.9
2.5
2.4
80–100
3.5
3.1
2.7
2.2
2.1
100–166 MHz (High Range)
Input
Frequency
(MHz)
S1=1
S0=M
(%)
S1=0
S0=1
(%)
S1=1
S0=1
(%)
S1=M
S0=1
(%)
100–120
3.0
2.4
1.5
1.3
120–130
2.7
2.1
1.4
1.1
130–140
2.6
2.0
1.3
1.1
140–150
2.6
2.0
1.3
1.1
150–166
2.5
1.8
1.2
1.0
Select the
Frequency and
Center Spread %
desired and then
set S1, S0 as
indicated.
Select the
Frequency and
Center Spread %
desired and then
set S1, S0 as
indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com