Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F372CC Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 85Page - STMicroelectronics STM32F372CC Datasheet HTML 86Page - STMicroelectronics STM32F372CC Datasheet HTML 87Page - STMicroelectronics STM32F372CC Datasheet HTML 88Page - STMicroelectronics STM32F372CC Datasheet HTML 89Page - STMicroelectronics STM32F372CC Datasheet HTML 90Page - STMicroelectronics STM32F372CC Datasheet HTML 91Page - STMicroelectronics STM32F372CC Datasheet HTML 92Page - STMicroelectronics STM32F372CC Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
89/128
6.3.16
Communications interfaces
I
2C interface characteristics
Unless otherwise specified, the parameters given in Table 56 are derived from tests
performed under ambient temperature, fPCLK1 frequency and VDD supply voltage conditions
summarized in Table 22.
The I
2C interface meets the requirements of the standard I2C communication protocol with
the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is
disabled, but is still present.
The I
2C characteristics are described in Table 56. Refer also to Section 6.3.14: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 56.
I2C characteristics(1)
Symbol
Parameter
Standard mode
Fast mode
Fast mode Plus
Unit
Min
Max
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
4.7
1.3
0.5
µs
tw(SCLH)
SCL clock high time
4.0
0.6
0.26
tsu(SDA)
SDA setup time
250
100
50
ns
th(SDA)
SDA data hold time
0(2)
3450(3)
0(2)
900(3)
0(4)
450(3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
300
120
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
300
120
th(STA)
Start condition hold time
4.0
0.6
0.26
µs
tsu(STA)
Repeated Start condition
setup time
4.7
0.6
0.26
tsu(STO)
Stop condition setup time
4.0
0.6
0.26
s
tw(STO:STA)
Stop to Start condition time
(bus free)
4.7
1.3
0.5
s
Cb
Capacitive load for each bus
line
400
400
550
pF
1.
The I2C characteristics are the requirements from I2C bus specification rev03. They are guaranteed by design when
I2Cx_TIMING register is correctly programmed (Refer to reference manual). These characteristics are not tested in
production.
2.
The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region
of the falling edge of SCL.
3.
The maximum Data hold time has only to be met if the interface does not stretch the low period of SCL signal.
4.
The device must internally provide a hold time of at least 120ns for the SDA signal in order to bridge the undefined region
of the falling edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com