Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM303DLHC Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 22Page - STMicroelectronics LSM303DLHC Datasheet HTML 23Page - STMicroelectronics LSM303DLHC Datasheet HTML 24Page - STMicroelectronics LSM303DLHC Datasheet HTML 25Page - STMicroelectronics LSM303DLHC Datasheet HTML 26Page - STMicroelectronics LSM303DLHC Datasheet HTML 27Page - STMicroelectronics LSM303DLHC Datasheet HTML 28Page - STMicroelectronics LSM303DLHC Datasheet HTML 29Page - STMicroelectronics LSM303DLHC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Register description
LSM303DLHC
26/42
Doc ID 018771 Rev 1
7.1.4
CTRL_REG4_A (23h)
7.1.5
CTRL_REG5_A (24h)
Table 25.
CTRL_REG3_A description
I1_CLICK
CLICK interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_AOI1
AOI1 interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_AOI2
AOI2 interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_DRDY1
DRDY1 interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_DRDY2
DRDY2 interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_WTM
FIFO watermark interrupt on INT1. Default value 0.
(0: disable, 1: enable)
I1_OVERRUN
FIFO overrun interrupt on INT1. Default value 0.
(0: disable, 1: enable)
Table 26.
CTRL_REG4_A register
BDU
BLE
FS1
FS0
HR
0(1)
1.
This bit must be set to ‘0’ for correct working of the device.
0(1)
SIM
Table 27.
CTRL_REG4_A description
BDU
Block data update. Default value: 0
(0: continuos update, 1: output registers not updated until MSB and LSB
reading
BLE
Big/little endian data selection. Default value 0.
(0: data LSB @ lower address, 1: data MSB @ lower address)
FS1-FS0
Full-scale selection. Default value: 00
(00: +/- 2G, 01: +/- 4G, 10: +/- 8G, 11: +/- 16G)
HR
High resolution output mode: Default value: 0
(0: high resolution disable, 1: high resolution enable)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface, 1: 3-wire interface).
Table 28.
CTRL_REG5_A register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
LIR_INT2
D4D_INT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com