Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLC2934IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2934IPWR
Description  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2934IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC2934IPWR Datasheet HTML 1Page - Texas Instruments TLC2934IPWR Datasheet HTML 2Page - Texas Instruments TLC2934IPWR Datasheet HTML 3Page - Texas Instruments TLC2934IPWR Datasheet HTML 4Page - Texas Instruments TLC2934IPWR Datasheet HTML 5Page - Texas Instruments TLC2934IPWR Datasheet HTML 6Page - Texas Instruments TLC2934IPWR Datasheet HTML 7Page - Texas Instruments TLC2934IPWR Datasheet HTML 8Page - Texas Instruments TLC2934IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
FIN-A,
FIN-B
4
5
I
Frequency signal inputs for PFD. The reference frequency signal (fREF-IN) and the VCO output signal
through the external counter device are applied to these terminals. When the LPF design is the lag-lead filter
(passive filter and noninverting), f(REF-IN) is input to FIN-A, and the VCO output signal is to FIN-B.
LOGIC GND
7
GND terminal for the internal logic circuit
LOGIC VDD
1
Power supply terminal for the internal logic circuit. This power supply terminal separates from VCO VDD to
reduce cross-coupling between supplies.
PFD INHIBIT
9
I
PFD INHIBIT (power-down) control signal input terminal
PFD OUT
6
O
PFD output terminal. When PFD INHIBIT is high, PFD OUT is in the high-impedance state.
RBIAS
13
I
Bias resistor (RBIAS) terminal. Connect a resistor between VCO GND and this terminal to supply bias to
internal VCO circuit. TLC2934 bias resistor connection is different from TLC2932 and TLC2933, where bias
resistor RBIAS is connected to VCO VDD.
SELECT
2
I
1/2 divider select terminal. L=through output, H=1/2 output.
TEST
8
Test terminal. Use for production test. Tie to GND when in normal use.
VCO GND
11
GND terminal for internal VCO
VCO OUT
3
O
VCO output terminal. When VCO INHIBIT = high, VCO OUT is low.
VCO INHIBIT
10
I
VCO INHIBIT (power-down) control signal input terminal
VCO IN
12
I
VCO control voltage input terminal. Normally, The external LPF is connected to this terminal.
VCO VDD
14
Power supply terminal for the internal VCO circuit. This power supply terminal should be separate from
LOGIC VDD to reduce cross-coupling between supplies.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage (each supply), VDD (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (each input), VI (see Note 1)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (each input), II
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each output), IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25_C (see Note 2), PD
700 mW
. . . . . . . . . . . . . . . . . . .
Operating free-air temperature range. TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal.
2. For operation above 25
°C free–air temperature, derate linearly at the rate of 5.6 mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com