Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SHT25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT25
Description  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sensirion.com
Version 0.91 – October 2010
1/12
Preliminary Datasheet SHT25
Humidity and Temperature Sensor
Fully calibrated with 1.8%RH accuracy
Digital output, I2C interface
Low power consumption
Excellent long term stability
DFN type package – reflow solderable
Dimensions
Figure 1:
Drawing of SHT25 sensor package, dimensions are
given in mm (1mm = 0.039inch), tolerances are ±0.1mm. The
die pad (center pad) is internally connected to VSS. The NC
pads must be left floating. VSS = GND, SDA = DATA.
Numbering of E/O pads starts at lower right corner (indicated by
notch in die pad) and goes clockwise (compare Table 2).
Sensor Chip
SHT25 features a generation 4C CMOSens® chip.
Besides the capacitive relative humidity sensor and the
band gap temperature sensor, the chip contains an
amplifier, A/D converter, OTP memory and a digital
processing unit.
Material Contents
While the sensor itself is made of Silicon the sensors’
housing consists of a plated Cu lead-frame and green
epoxy-based mold compound. The device is fully RoHS
and WEEE compliant, e.g. free of Pb, Cd and Hg.
Additional Information and Evaluation Kits
Additional information such as Application Notes is
available from the web page www.sensirion.com/sht25.
For more information please contact Sensirion via
info@sensirion.com.
For SHT25 two Evaluation Kits are available: EK-H4, a
four-channel device with Viewer Software, that also serves
for data-logging, and a simple EK-H5 directly connecting
one sensor via USB port to a computer.
1.0
1.0
2.4
0.3
0.4
1.1
SCL
SDA
NC
NC
VSS
VDD
Bottom View
3.0
2.2
0.8 typ
0.3 typ
Product Summary
SHT25, the new humidity and temperature sensor of
Sensirion is about to set new standards in terms of size
and intelligence: Embedded in a reflow solderable Dual
Flat No leads (DFN) package of 3 x 3mm foot print and
1.1mm height it provides calibrated, linearized signals in
digital, true I2C format.
With a completely new designed CMOSens® chip, a
reworked capacitive type humidity sensor and an
improved band gap temperature sensor the performance
has been lifted even beyond the outstanding level of the
previous sensor generation (SHT1x and SHT7x). For
example, measures have been taken to stabilize the
behavior at high humidity levels.
Every sensor is individually calibrated and tested. Lot
identification is printed on the sensor and an electronic
identification code is stored on the chip – which can be
read out by command. Furthermore, the resolution of
SHT25 can be changed by command (8/12bit up to
12/14bit for RH/T), low battery can be detected and a
checksum helps to improve communication reliability.
With made improvements and the miniaturization of the
sensor the performance-to-price ratio has been improved
– and eventually, any device should benefit from the
cutting edge energy saving operation mode. For testing
SHT25 a new evaluation Kit EK-H4 is available.


Similar Part No. - SHT25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
Humidity and Temperature Sensor IC
More results

Similar Description - SHT25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com