Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT90USBKEY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90USBKEY
Description  Atmel Crypto Products Portfolio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USBKEY Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90USBKEY Datasheet HTML 1Page - ATMEL Corporation AT90USBKEY Datasheet HTML 2Page - ATMEL Corporation AT90USBKEY Datasheet HTML 3Page - ATMEL Corporation AT90USBKEY Datasheet HTML 4Page - ATMEL Corporation AT90USBKEY Datasheet HTML 5Page - ATMEL Corporation AT90USBKEY Datasheet HTML 6Page - ATMEL Corporation AT90USBKEY Datasheet HTML 7Page - ATMEL Corporation AT90USBKEY Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2011 / www.atmel.com
4
Atmel Crypto Products Portfolio
Family of Secure Authentication Solutions
Atmel CryptoMemory
The World’s Only Secure Serial EEPROM
Atmel® CryptoMemory® cryptographic security
ICs offer a cost-efficient, high-security solution
for any application requiring authentication, data
protection or secure storage.
A cryptographic algorithm encrypts data and
passwords, generates Message Authentication
Codes (MAC) thereby providing a secure
place where information remains safe, even
under attack. CryptoMemory is the only family
of secure memory devices in the industry with
mutual authentication between device and host,
plus data encryption. Both synchronous (2-
wire) and asynchronous (ISO7816) protocols
are available.
Atmel Device
Description
Zones
Temp
V
CC
AT88SC0104CA
1-Kbit Secure EEPROM
4
-40°C to 85°C
2.7 to 3.6V
AT88SC0204CA
2-Kbit Secure EEPROM
4
-40°C to 85°C
2.7 to 3.6V
AT88SC0404CA
4-Kbit Secure EEPROM
4
-40°C to 85°C
2.7 to 3.6V
AT88SC0808CA
8-Kbit Secure EEPROM
8
-40°C to 85°C
2.7 to 3.6V
AT88SC1616C
16-Kbit Secure EEPROM
16
-40°C to 85°C
2.7 to 5.5V
AT88SC3216C
32-Kbit Secure EEPROM
16
-40°C to 85°C
2.7 to 5.5V
AT88SC6416C
64-Kbit Secure EEPROM
16
-40°C to 85°C
2.7 to 5.5V
AT88SC12816C
128-Kbit Secure EEPROM
16
-40°C to 85°C
2.7 to 5.5V
AT88SC25616C
256-Kbit Secure EEPROM
16
-40°C to 85°C
2.7 to 5.5V
AT88SC018
Host Side Security
-40°C to 85°C
2.7 to 3.6V
Key Features
A family of devices with user
memories from 1-Kbit to 256-Kbit
Symmetrical dynamic mutual
authentication with 64-bit
cryptographic keys
Encrypted passwords with attempt
counters
Stream encryption ensures data
privacy
1.0MHz compatible 2-wire serial
interface for fast operation
Pin compatible with industry
standard 24Cxxx serial memories
Advantages
No operating system required;
easy to program
Flexible, independently
configurable user memory
zones
Fast time-to-market
Interface software available for
easy implementation
Rich set of security features
Flexible security options
Package Options
Plastic Packages
8-lead SOIC
8-lead PDIP
8-lead TSSOP
8-lead uDFN (Ultra Thin Mini-
MAP)
Modules
Development Kits*
Atmel AT88SC-ADK2 – Starter Kit
*See Page 6 for full description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com