Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

82599 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82599
Description  Transforming the data center through a reliable and unified 10GbE network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82599 Datasheet(HTML) 1 Page - Intel Corporation

  82599_10 Datasheet HTML 1Page - Intel Corporation 82599_10 Datasheet HTML 2Page - Intel Corporation 82599_10 Datasheet HTML 3Page - Intel Corporation 82599_10 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
An Intelligent Solution
A number of trends are driving change in the data center.
Information growth continues unabated, server virtualization
requires multi-core servers with higher bandwidth and networked
storage, and power and cooling remains a significant challenge.
These trends are driving IT managers to look for new, optimized
solutions that support the dynamic data center. From a network
perspective, IT managers recognize how the trend towards
10 Gigabit Ethernet (10GbE) will benefit them; they want to
consolidate multiple GbE links into a single 10GbE network to
lower cost and complexity.
Intel’s third-generation 10GbE controller, the Intel® 82599 10 Giga-
bit Ethernet controller continues to build on the innovative trends
set by its predecessor and pushes the envelope even further.
• Advanced features such as Receive Side Coalescing, Intel®
Ethernet Flow Director, and support for PCI Express* 2.0 help
deliver new levels of 10GbE performance
• Intel® Virtualization Technology1 for Connectivity (Intel® VT-c)
delivers industry-leading I/O virtualization capabilities that
provide flexibility, scalability and mobility
• Advanced unified networking capabilities, including support for
lossless Ethernet, iSCSI acceleration, NAS, and Fibre Channel
over Ethernet (FCoE) offloads help consolidate data center
networks onto a single Ethernet fabric
The Intel 82599 10 Gigabit Ethernet controller along with Intel®
Xeon® processor 5500series-based servers deliver unmatched
performance scalability that signals a new paradigm in the
data center — a paradigm of intelligent solutions that help
manage growth while controlling costs; a paradigm of advanced
virtualization features; and a paradigm of a simple, cost-effective,
unified network.
Best Choice for Virtualization
The Intel 82599 10 Gigabit Ethernet controller includes Intel®
Virtualization Technology for Connectivity (Intel VT-c) to deliver
outstanding performance in virtualized server environments.
Intel VT-c includes hardware optimizations that help reduce I/O
bottlenecks and improve the overall server performance. These
technologies are Virtual Machine Device Queues2 (VMDq) and
Product Brief
Intel® 82599 10 Gigabit Ethernet Controller
Network Connectivity
Intel® 82599 10 Gigabit Ethernet Controller
Transforming the data center through a reliable
and unified 10GbE network
• PCI Express* 2.0, dual port 10 Gigabit Ethernet
controller along with Intel® Xeon® processor 5500
series servers deliver the performance that
demanding applications require.
• Industry-leading product innovations for I/O
virtualization that are ideal for the dynamic
data center.
• Unified networking support simplifies the network
infrastructure by allowing LAN, SAN, and IPC traffic
to share the same data center fabric.
• Energy-efficient design with integrated SFI/KR
PHYs that creates new opportunities for Blades
and LAN-on-motherboard (LOM) solutions.
• High-volume stable architecture with broad
operating system support.


Similar Part No. - 82599_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8259 ETC2-8259 Datasheet
102Kb / 3P
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
logo
Belden Inc.
8259 BELDEN-8259 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-010100 BELDEN-8259-010100 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-0101000 BELDEN-8259-0101000 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
8259-010500 BELDEN-8259-010500 Datasheet
136Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid,PVC Jkt
04-13-2023
More results

Similar Description - 82599_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TUD4010 ETC-TUD4010 Datasheet
576Kb / 3P
The high performanceblade server for enterprise,data center and HPC applications
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
Unified Communication Network Appliance with Intel G41 Chipset
logo
Gamewell-FCI by Honeywe...
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
Intelligent Network Command Center
logo
STMicroelectronics
EVALPM8803-FWD STMICROELECTRONICS-EVALPM8803-FWD Datasheet
303Kb / 5P
Data pass-through for the ethernet data
30-Jun-2011
logo
NEC
UM4730 NEC-UM4730 Datasheet
122Kb / 2P
Unified Messaging for the Lodging Industry
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
The Unified Development Platform (UDP) provides a development
logo
IBM
8961-F04 IBM-8961-F04 Datasheet
195Kb / 19P
IBM Storage Networking SAN256B-6 delivers network innovation for the virtualized, all-flash data center
October 11, 2016
logo
Advantech Co., Ltd.
NMC-1001 ADVANTECH-NMC-1001 Datasheet
487Kb / 1P
4 Ports 10GbE SFP Network Management Card
24-Jun-2018
NMC-1011 ADVANTECH-NMC-1011 Datasheet
452Kb / 1P
8 Ports 10GbE SFP Network Management Card
20-Mar-2019
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com