Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7491LP13TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7491LP13TR
Description  2 x 5-watt dual BTL class-D audio amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP13TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7491LP13TR Datasheet HTML 21Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 22Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 23Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 24Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 25Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 26Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 27Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 28Page - STMicroelectronics TDA7491LP13TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
TDA7491LP
Applications information
Doc ID 13541 Rev 5
25/37
5.2
Mode selection
The three operating modes, defined below, of the TDA7491LP are set by the two inputs
STBY (pin 20) and MUTE (pin 21) as shown in Table 6.
Standby mode: all circuits are turned off, very low current consumption.
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle.
Play mode: the amplifiers are active.
The protection functions of the TDA7491LP are implemented by pulling down the voltages of
the STBY and MUTE inputs shown in Figure 27. The input current of the corresponding pins
must be limited to 200 µA.
Figure 27.
Standby and mute circuits
Figure 28.
Turn-on/off sequence for minimizing speaker “pop”
Table 6.
Mode settings
Mode
Voltage level on pin STBY
Voltage level on pin MUTE
Standby
L (1)
1.
Refer to VSTBY and VMUTE in Table 5: Electrical specifications on page 10 for the drive levels for L and H
X (don’t care)
Mute
H (1)
L
Play
H
H
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Ω
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Ω
Mute
TDA7491LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com