Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7570TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7570TR
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7570TR Datasheet HTML 14Page - STMicroelectronics ST7570TR Datasheet HTML 15Page - STMicroelectronics ST7570TR Datasheet HTML 16Page - STMicroelectronics ST7570TR Datasheet HTML 17Page - STMicroelectronics ST7570TR Datasheet HTML 18Page - STMicroelectronics ST7570TR Datasheet HTML 19Page - STMicroelectronics ST7570TR Datasheet HTML 20Page - STMicroelectronics ST7570TR Datasheet HTML 21Page - STMicroelectronics ST7570TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Clock management
ST7570
18/26
Doc ID 17526 Rev 2
7
Clock management
The main clock source is an 8 MHz crystal connected to the internal oscillator through XIN
and XOUT pins. Both XIN and XOUT pins have a 32 pF integrated capacitor, in order to
drive a crystal having a load capacitance of 16 pF with no additional components.
Alternatively, an 8 MHz external clock can be directly supplied to XIN pin, leaving XOUT
floating.
A PLL internally connected to the output of the oscillator generates the fCLK_PHY, required by
the PHY processor block. fCLK_PHY is then scaled down by two to obtain fCLK_PC, required
by the protocol controller.
8
Functional overview
The ST7570 embeds complete physical (PHY) and a medium access control (MAC)
protocol layers and services compliant with the open standard IEC61334-5-1, mainly
developed for smart metering applications, but suitable also for other command and control
applications and remote load management in CENELEC B and D bands.
A local port (UART) is available for communication with an external host, exporting all the
functions and services required to configure and control the device and its protocol stack.
Below a list of the protocol layers and functions embedded in the ST7570 (Figure 10):
Physical layer: implemented in the PHY processor and exporting all the primitive
functions listed in the international standard document IEC61334-5-1, plus additional
services for configuration, alarm management, signal and noise amplitude estimation,
phase detection, statistical information;
MAC layer: implemented on the protocol controller and exporting all the primitive
functions listed in the international standard document IEC61334-5-1, Repeater Call
and Intelligent search initiator process together with additional services.
Management information base (MIB): an information database with all the data
required for proper configuration of the system (at both PHY and MAC layer);
Host interface: all the services of the PHY, MAC and MIB are exported to an external
host through the local UART port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com