Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACST1235-7G Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST1235-7G
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-7G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACST1235-7G Datasheet HTML 2Page - STMicroelectronics ACST1235-7G Datasheet HTML 3Page - STMicroelectronics ACST1235-7G Datasheet HTML 4Page - STMicroelectronics ACST1235-7G Datasheet HTML 5Page - STMicroelectronics ACST1235-7G Datasheet HTML 6Page - STMicroelectronics ACST1235-7G Datasheet HTML 7Page - STMicroelectronics ACST1235-7G Datasheet HTML 8Page - STMicroelectronics ACST1235-7G Datasheet HTML 9Page - STMicroelectronics ACST1235-7G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application information
ACST12
6/13
Doc ID 15238 Rev 4
2
Application information
2.1
Typical application description
The ACST12 device has been designed to control medium power load, such as AC motors
in home appliances. Thanks to its thermal and turn off commutation performances, the
ACST12 switch is able to drive an inductive load up to 12 A with no turn off additional
snubber. It also provides high thermal performances in static and transient modes such as
the compressor inrush current or high torque operating conditions of an AC motor. Thanks
to its low gate triggering current level, the ACST1210-7 can be driven directly by a MCU
through a simple gate resistor as shown in Figure 16.
Figure 16.
Compressor control – typical diagrams
Compressor
Electronic
starter
Electronic
thermostat
ACST
Rg
ACST
Power supply
AC Mains
Gate
Driver
logical circuitry
1
PTC
Compressor with integrated e-starter
Compressor
Start
switch
Run
switch
PTC
Rg
ACST
Power supply
Gate
Driver
ACST
Rg
AC Mains
Compressor with external electronic drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com