Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8697 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT8697 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LT8697 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT8697 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT8697
3
8697p
For more information www.linear.com/LT8697
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
USB5V Current
 
VISN = 5V, VISP – VISN = 40mV, RCBL = 13.7k
VISN = 5V, VISP – VISN = 10mV, RCBL = 13.7k
VISN = 5V, VISP – VISN = 0V, RCBL = 13.7k
RCBL = Open
l
l
l
l
58
12
0
0
60
15
2
1
62
23
8
2
µA
µA
µA
µA
Current Sense Voltage (VISP – VISN)
VCTRL = 1.5V, VISN = 5V
VCTRL = 1.5V, VISN = 0V
VCTRL = 800mV, VISN = 5V
VCTRL = 800mV, VISN = 0V
VCTRL = 200mV, VISN = 5V
VCTRL = 200mV, VISN = 0V
l
l
l
l
l
l
45.5
44.5
37.5
36
6
5
48
48.5
39.5
40
9.5
10
50
53
42
44.5
13
15
mV
mV
mV
mV
mV
mV
RCBL Monitor Voltage
VISP – VISN = 40mV, RCBL = 13.7k
VISP – VISN = 10mV, RCBL = 13.7k
l
l
720
130
800
205
880
280
mV
mV
RCBL Output Current Limit
VISP – VISN = 50mV, VRCBL = 0V
–2
–3
–4
mA
ISP, ISN Bias Current
VISP = VISN = 0V, 5V
–20
20
µA
ICTRL Current
VICTRL = 1.5V
–0.5
–2
–3
µA
INTVCC Voltage
VSYS = 0V, 5V
3.4
V
INTVCC Undervoltage Lockout
2.6
2.9
3.15
V
SYS Voltage
VIN = 12V
l
5.63
5.8
5.92
V
SYS Voltage to Disable Forced Continuous Mode
7.5
V
SYS Current in Regulation
VSYS = 5V, RT = 56.2k
l
3
4
5
mA
Dropout Voltage (VIN – VSYS)
VSYS = 5V, ILOAD = 2.1A
450
mV
Maximum Duty Cycle in Dropout
96
97.5
99
%
Minimum On-Time
ILOAD = 1A
l
30
45
70
ns
Minimum Off-Time
ILOAD = 0.5A
50
80
110
ns
Minimum VIN for SYS Regulation at Full Frequency RT = 16.5k, VUSB5V = 0V, ILOAD = 0.5A
l
6.2
7
7.9
V
Oscillator Frequency
RT = 140k
RT = 56.2k
RT = 16.5k
l
l
l
250
620
1.9
300
700
2.00
340
750
2.05
kHz
kHz
MHz
Top Power NMOS On-Resistance
ISW = 1A
120
Top Power NMOS Current Limit
l
3.2
4.8
6
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
65
Bottom Power NMOS Current Limit
VINTVCC = 3.4V
3.5
4.5
5.8
A
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
0.1
5
µA
EN/UV Threshold
VEN/UV Rising
l
0.94
1.0
1.06
V
EN/UV Hysteresis
40
mV
EN/UV Bias Current
VEN/UV = 2V
–20 
20
nA
PG Upper Threshold Offset from VUSB5V
VUSB5V Falling
l
6
9
12
%
PG Lower Threshold Offset from VUSB5V
VUSB5V Rising
l
–6
–9
–12
%
PG Hysteresis
1.3
%
PG Pull-Down Resistance
VPG = 0.1V
l
680
2000
Ω
PG Transition Delay
VUSB5V from 5V to 4V
40
µs
SYNC Threshold
VSYNC Falling
VSYNC Rising
0.8
1.6
1.1
2.0
1.4
2.4
V
V
SYNC Current
VSYNC = 2V
–40
40
nA
TR/SS Current
VTR/SS = 0V
–1.2
–2.2
–3.2
µA
TR/SS Pull-Down Resistance
Fault Condition, VTR/SS = 0.1V
230
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com