| Electronic Components Datasheet Search |
|
L6470H Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6470H Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 70 page ![]() L6470 Programming manual Doc ID16737 Rev 5 45/70 The available range is from 0 to 976.5 step/s with a resolution of 0.0596 step/s. Any attempt to write the register when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22). 9.1.12 ST_SLP The ST_SLP register contains the BEMF compensation curve slope that is used when the speed is lower than the intersect speed (see Section 7.4). Its value is expressed in s/step and the available range is from 0 to 0.004 with a resolution of 0.000015. When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF compensation is performed. Any attempt to write the register when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22). 9.1.13 FN_SLP_ACC The FN_SLP_ACC register contains the BEMF compensation curve slope that is used when the speed is greater than the intersect speed during acceleration (see Section 7.47.4). Its value is expressed in s/step and the available range is from 0 to 0.004 with a resolution of 0.000015. When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF compensation is performed. Any attempt to write the register when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22). 9.1.14 FN_SLP_DEC The FN_SLP_DEC register contains the BEMF compensation curve slope that is used when the speed is greater than the intersect speed during deceleration (see Section 7.47.4). Its value is expressed in s/step and the available range is from 0 to 0.004 with a resolution of 0.000015. When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF compensation is performed. Any attempt to write the register when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22). 9.1.15 K_THERM The K_THERM register contains the value used by the winding resistance thermal drift compensation system (see Section 7.6). The available range is from 1 to 1.46875 with a resolution of 0.03125, as shown in Table 13. Table 13. Winding resistance thermal drift compensation coefficient K_THERM [3..0] Compensation coeff. 00 00 1 0 0 0 1 1.03125 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |