Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9952XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 1 Page - STMicroelectronics

  L9952XP Datasheet HTML 1Page - STMicroelectronics L9952XP Datasheet HTML 2Page - STMicroelectronics L9952XP Datasheet HTML 3Page - STMicroelectronics L9952XP Datasheet HTML 4Page - STMicroelectronics L9952XP Datasheet HTML 5Page - STMicroelectronics L9952XP Datasheet HTML 6Page - STMicroelectronics L9952XP Datasheet HTML 7Page - STMicroelectronics L9952XP Datasheet HTML 8Page - STMicroelectronics L9952XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
July 2009
Doc ID 13518 Rev 5
1/68
1
L9952GXP
Power management system IC
Features
Two 5V low-drop voltage regulators (250mA,
100mA continuous mode
Low stand-by current: VBAT stby, 7µA; ,V1 stby,
45µA, (75µA in cycl. sense)
Window watchdog and fail-safe output
Interrupt output
Wake-up logic with cyclic contact monitoring
LIN 2.1 compliant (SAEJ2602 compatible)
transceiver
24 bit SPI interface for mode control and
diagnostic
Output drivers
4 High side drivers for e.g. LED or HALL
(RDSon,typ = 7 Ω )
1 High side driver Out_HS ( RDSon,typ = 1 Ω )
2 Relay drivers ( RDSon,typ = 2 Ω )
Outputs are short circuit protected
2 Op amp's for current sensing in GND return
lines
Temperature warning and thermal shutdown
Applications
Automotive ECU’ s such as door zone and
body control modules.
Description
The L9952GXP is a power management system
IC containing two low drop regulators with
advanced contact monitoring and additional
peripheral functions.
The integrated standard serial peripheral interface
(SPI) controls all L9952GXP operation modes
and provides driver diagnostic functions.
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-36
L9952GXP
L9952GXPTR
www.st.com


Similar Part No. - L9952XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
657Kb / 68P
Power management system IC
22-Sep-2013
L9952GXPTR STMICROELECTRONICS-L9952GXPTR Datasheet
657Kb / 68P
Power management system IC
22-Sep-2013
L9952GXP STMICROELECTRONICS-L9952GXP_V01 Datasheet
657Kb / 68P
Power management system IC
22-Sep-2013
More results

Similar Description - L9952XP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
fujitsu semiconductor
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
4ch System Power Management IC for LCD Panel
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
Power Management IC for the SkyBlue System
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
Power Management IC for the SkyBlue System
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com