Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMN26DOUT-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN26DOUT-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN26DOUT-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN26DOUT-7 Datasheet HTML 1Page - Diodes Incorporated DMN26DOUT-7 Datasheet HTML 2Page - Diodes Incorporated DMN26DOUT-7 Datasheet HTML 3Page - Diodes Incorporated DMN26DOUT-7 Datasheet HTML 4Page - Diodes Incorporated DMN26DOUT-7 Datasheet HTML 5Page - Diodes Incorporated DMN26DOUT-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN26D0UT
Document number: DS31854 Rev. 2 - 2
1 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN26D0UT
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance:
•
3.0
Ω @ 4.5V
•
4.0
Ω @ 2.5V
•
6.0
Ω @ 1.8V
•
10
Ω @ 1.5V
•
Very Low Gate Threshold Voltage, 1.0V max
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Ultra-Small Surface Mount Package
•
ESD Protected Gate
•
Lead, Halogen, and Antimony Free By Design/RoHS
Compliant (Note 2)
•
"Green" Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-523
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.002 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±10
V
Drain Current (Note 1)
ID
230
mA
Pulsed Drain Current
TP = 10µs
IDM
805
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Total Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
TOP VIEW
EQUIVALENT CIRCUIT
TOP VIEW
Source
Gate
Protection
Diode
Gate
Drain
G
S
D
ESD PROTECTED
Please click here to visit our online spice models database.


Similar Part No. - DMN26DOUT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN26D0UDJ DIODES-DMN26D0UDJ Datasheet
115Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31481 Rev. 5 - 2
logo
Zhaoxingwei Electronics...
DMN26D0UDJ ZHAOXINGWEI-DMN26D0UDJ Datasheet
740Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
List of Unclassifed Man...
DMN26D0UDJ ETC2-DMN26D0UDJ Datasheet
755Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN26D0UDJ-7 DIODES-DMN26D0UDJ-7 Datasheet
115Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31481 Rev. 5 - 2
DMN26D0UDJ DIODES-DMN26D0UDJ_15 Datasheet
331Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
More results

Similar Description - DMN26DOUT-7

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com