Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSS2512 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSS2512
Description  Ultra Precision Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSS2512 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSS2512 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS2512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 06/04/2012
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS/CSSH Series
Ultra Precision Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
0
Ambient Temperature (ºC)
100
150
200
250
50
300
75
100
50
25
225ºC
Test Item
Condition of Test
Test Method
Test Limits
R1: resistance of room temperature (T1)
R2: resistance of 150ºC (T2)
The number of rated power are as follows:
1. CSS1206-1W: 4 times rated power
2. CSS2010-1W: 4 times rated power
3. CSS2512-2W: 5 times rated power
4. CSSH2512-3W: 3 times rated power
5. CSS2725-4W: 4 times rated power
6. CSS2728-3W: 3 times rated power
7. CSSH2728-4W: 4 times rated power
8. CSS4527-5W: 3 times rated power
(∆R/R1) ≤ ±2%
Insulation Resistance
100±15V DC for 1 minute
JIS C 5201-1 4.6
≥10
9Ω
JIS C 5201-1 4.13
Operating Temperature Range: -55
°C to +225°C. Contact factory for operation at higher temperatures.
Applied 500V AC for 1 minute and
limit surge current 50mA (max)
Dielectric Withstanding Voltage
JIS C 5201-1 4.7
Without break down
(∆R/R1) ≤ ±0.5%
Short Time Overload
(rating power duration = 5 seconds)
TCR (ppm/ºC)
Per specification
(refer to Electrical
Specification table)
JIS C 5201-1 4.8
Temperature Coefficient of Resistance
(TCR)
(R2-R1)
R1 (T2-T1)
X 10
6
=
Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com