Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS11N3LLH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS11N3LLH5
Description  N-channel 30 V, 0.0117 Ω, 11 A, SO-8 STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS11N3LLH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS11N3LLH5 Datasheet HTML 3Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 9Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 10Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STS11N3LLH5
Electrical characteristics
Doc ID 15982 Rev 2
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=15V
ID=11A
10
12
AM04958v1
C
600
400
200
0
0
10
VDS(V)
(pF)
800
20
Ciss
Coss
Crss
1000
TJ=25°C
f=1MHz
AM04959v1
VGS(th)
0.7
0.6
0.5
0.4
-50
0
TJ(°C)
(norm)
0.8
50
100
150
0.9
1.0
1.1
1.2
ID=250µA
AM04960v1
RDS(on)
1.2
1.0
0.8
0.6
-50
0
TJ(°C)
(norm)
50
100
150
1.4
1.6
1.8
ID=5.5A
VGS=10V
AM04961v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=175°C
TJ=25°C
AM04961v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com