Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XAL-D324 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XAL-D324
Description  Contact functions and light functions with integral LED
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XAL-D324 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XAL-D324 Datasheet HTML 2Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 3Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 4Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 5Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 6Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 7Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 8Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 9Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Other versions: please consult your Schneider Electric agency.
LED pilot lights
With black bezel
With integral lens cap
Type of head
Protruding LED, Ø 8 mm
Covered LED, Ø 8 mm
Covered LED, Ø 12 mm
Degree of protection
IP 40, IP 65 with seal (2)
Mounting (mm)
panel cut-out
Ø 8.2 mm
Ø 8.2 mm
Ø 12.2 mm
mounting centres
12.5 x 12.5 mm
10.5 x 10.5 mm
16.5 x 16.5 mm
Dimensions (mm)
Ø x Depth (below head)
Ø 12 x 32
Ø 10 x 34
Ø 16 x 45
Connection
Tags (3)
Tags (3)
Threaded connectors
References (1)
green
XVL A1
p3
XVL A2
p3
XVL A3
p3
red
XVL A1
p4
XVL A2
p4
XVL A3
p4
yellow
XVL A1
p5
XVL A2
p5
XVL A3
p5
Tightening key
For Ø 8 mm pilot lights
For Ø 12 mm pilot lights
References
XVL X08
XVL X12
(1) Basic reference, to be completed by the number 1, 2, 3 or 4 indicating the required voltage. See voltage table above.
(2) For an IP 65 degree of protection, include the seals: XVL Z911 for pilot lights XVL A1
pp and XVL A2pp; XVL Z912 for pilot lights XVL A3pp.
(3) Tags for 2.8 x 0.5 Faston connectors or for soldering.
Sub-assemblies & accessories for Ø 16
plastic bezel control and signaling units
Sub-assemblies
Bodies for pushbuttons and
selector switches
Bodies for pilot lights
Rated operational characteristics, AC-15: Ue = 240 V and Ie = 1.5 A or Ue = 120 V and Ie = 3 A
Consumption
Positive operation of contacts conforming to IEC/EN 60947-5-1: N/C contacts with positive opening operation,
15 mA
12…24 V AC/DC
positive opening force 20 N
25 mA
48…120 V AC
25 mA
230…240 V AC
Type of
Fixing collar
Contacts
Pilot light
12 … 24 V
48 … 120 V
230 … 240 V
contact
+ contacts
bodies
References
N/O
ZB6 Z1B
ZB6 E1B
White
ZB6 EB1B
ZB6 EG1B
ZB6 EM1B
N/C
ZB6 Z2B
ZB6 E2B
Green
ZB6 EB3B
ZB6 EG3B
ZB6 EM3B
2 N/O
ZB6 Z3B
Red
ZB6 EB4B
ZB6 EG4B
ZB6 EM4B
2 N/C
ZB6 Z4B
Yellow
ZB6 EB5B
ZB6 EG5B
ZB6 EM5B
N/O + N/C
ZB6 Z5B
Blue
ZB6 EB6B
ZB6 EG6B
ZB6 EM6B
LED pilot lights Ø 8 and 12
(1):
Voltage
Number (
p)
5 V (25 mA)
1
12 V (18 mA)
2
24 V (18 mA)
3
48 V (10 mA)
4
Accessories
Legend holders
24 x 28 mm (8 x 21 mm legend)
24 x 36 mm (16 x 21 mm legend)
Blank legend
Background colour
without legend
yellow or white
black or red
without legend
yellow or white
black or red
References (10)*
ZB6 YD20
ZB6 YD21
ZB6 YD22
ZB6 YD30
ZB6 YD31
ZB6 YD32
Blank legends for legend holders
8 x 21 mm (24 x 28 mm legend holder)
16 x 21 mm (24 x 36 mm legend holder)
Background colour
yellow or white
black or red
yellow or white
black or red
References (20)*
ZB6 Y1001
ZB6 Y2001
ZB6 Y4001
ZB6 Y3001
Ø 45 mm yellow legend for mushroom head Emergency stop pushbutton
Marking
Blank, for engraving
EMERGENCY STOP
ARRET D’URGENCE
References
ZB6 Y7001
ZB6 Y7330
ZB6 Y7130
Body/fixing collar
Plate
Tightening tool
Dismantling tool
anti-rotation
and slackening, for fixing nut
for removal of contact blocks
References
ZB6 Y009 (10)*
ZB6 Y003 (10)*
ZB6 Y905 (2)*
ZB6 Y018 (5)*
Protective shutter for pushbuttons and switches
Connector
Blanking plug
for rectangular heads
for circular and square heads
Faston, female
IP 65
References
ZB6 YD001
ZB6 YA001
ZB6 Y004 (100)*
ZB6 Y005 (10)*
* sold in lots of
2/5
2
1
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com