Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM301A Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM301A
Description  SINGLE OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM301A Datasheet(HTML) 1 Page - STMicroelectronics

  LM301A Datasheet HTML 1Page - STMicroelectronics LM301A Datasheet HTML 2Page - STMicroelectronics LM301A Datasheet HTML 3Page - STMicroelectronics LM301A Datasheet HTML 4Page - STMicroelectronics LM301A Datasheet HTML 5Page - STMicroelectronics LM301A Datasheet HTML 6Page - STMicroelectronics LM301A Datasheet HTML 7Page - STMicroelectronics LM301A Datasheet HTML 8Page - STMicroelectronics LM301A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
LM101A
LM301A
LM201A
s INPUT OFFSET VOLTAGE 0.7mV
2mV
s INPUT BIAS CURRENT
25nA
70nA
s INPUT OFFSET CURRENT 1.5nA
2nA
s SLEW RATE AS INVERSING10V/µs 10V/µs
AMPLIFIER
DESCRIPTION
The LM101A is a general purpose operational am-
plifier which offers many features: supply voltages
from ±5V to ±22V, low current drain, overload pro-
tection on the input and output, no latch-up when
the common-mode range is exceeded, free from
oscillations and compensation with a single 30pF
capacitor. It has advantages over internally com-
pensated amplifiers in that the compensation can
be tailored to the particular application: slew rate
of 10V/µs and bandwidth of 3.5MHz can be easily
achieved.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number Temperature Range
Package
ND
LM101A
-55°C, +125°C
••
LM201A
-40°C, +105°C
••
LM301A
0°C, +70°C
••
Example : LM201AN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
1 - Balance, compensation
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Balance
6 - Output
7 - VCC
+
8 - Compensation 2
LM101A-LM201A
LM301A
SINGLE OPERATIONAL AMPLIFIERS
December 2001


Similar Part No. - LM301A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
STMicroelectronics
LM301A STMICROELECTRONICS-LM301A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Linear Technology
LM301A LINER-LM301A Datasheet
388Kb / 6P
Operational Amplifiers
logo
Fairchild Semiconductor
LM301A FAIRCHILD-LM301A Datasheet
60Kb / 6P
Single Operational Amplifier
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
More results

Similar Description - LM301A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
Single Operational Amplifiers
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
Single PNP-Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
OPERATIONAL AMPLIFIERS (SINGLE)
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
Single Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
Single Supply Operational Amplifiers
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com