Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM2135SZ Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2135SZ
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices SSM2135SZ Datasheet HTML 11Page - Analog Devices SSM2135SZ Datasheet HTML 12Page - Analog Devices SSM2135SZ Datasheet HTML 13Page - Analog Devices SSM2135SZ Datasheet HTML 14Page - Analog Devices SSM2135SZ Datasheet HTML 15Page - Analog Devices SSM2135SZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SSM2135
Rev. G | Page 13 of 16
Digital Volume Control Circuit
Logarithmic Volume Control Circuit
Working in conjunction with the AD7528 dual 8-bit DAC,
the SSM2135 makes an efficient audio attenuator, as shown in
Figure 38. The circuit works off a single 5 V supply. The DACs
are biased to a 2 V reference level, which is sufficient to keep
the internal R-2R ladder switches of the DACs operating prop-
erly. This voltage is also the optimal midpoint of the SSM2135
common-mode and output swing range. With the circuit as
shown in Figure 38, the maximum input and output swing is
1.25 V rms. Total harmonic distortion measures a respectable
0.01% at 1 kHz and 0.1% at 20 kHz. The frequency response at
any attenuation level is flat to 20 kHz.
Figure 39 shows a logarithmic version of the volume control
function. Similar biasing is used. With an 8-bit bus, the AD7111
provides an 88.5 dB attenuation range. Each bit resolves a 0.375 dB
attenuation. Refer to the AD7111 data sheet for attenuation levels
for each input code.
IOUT
DATA IN
AND
CONTROL
LEFT AUDIO
IN
RIGHT AUDIO
IN
VDD
DGND
5V
0.1µF
AGND
IOUT
RFB
VDD
DGND
VIN
AD7111
3
5V
0.1µF
3
14
14
16
16
10
10
10
47µF
47µF
RFB
AGND
VIN
D1
D1
AD7111
5V
1/2
SSM2135
1/2
SSM2135
47µF
2kΩ
5V
2V
7.5kΩ
5kΩ
100Ω
0.1µF
1µF
2V
1/2
SSM2135
5V
47µF
1
2
1
2
RIGHT AUDIO
OUT
LEFT AUDIO
OUT
10µF + 0.1µF
Each DAC can be controlled independently via the 8-bit parallel
data bus. The attenuation level is linearly controlled by the
binary weighting of the digital data input. Total attenuation
ranges from 0 dB to 48 dB.
5V
1/2
SSM2135
1/2
SSM2135
5V 10µF + 0.1µF
6
DAC A/
DAC B
1/2
SSM2135
VREFA
DAC A
OUT A
RFBA
VREFB
DACB
RFBB
OUT B
DATA IN
15
CS
16
WR
18
CONTROL
SIGNAL
LEFT
AUDIO IN
RIGHT
AUDIO IN
VDD
DGND
17
5
5V
0.1µF
AD7528
3
2
19
20
1
RIGHT AUDIO
OUT
LEFT AUDIO
OUT
47µF
47µF
2kΩ
5V
2V
7.5kΩ
5kΩ
100Ω
0.1µF
1µF
2V
Figure 39. Single-Supply Logarithmic Volume Control
Figure 38. Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com