Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL431CCT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL431CCT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431CCT Datasheet(HTML) 1 Page - STMicroelectronics

  TL431CCT Datasheet HTML 1Page - STMicroelectronics TL431CCT Datasheet HTML 2Page - STMicroelectronics TL431CCT Datasheet HTML 3Page - STMicroelectronics TL431CCT Datasheet HTML 4Page - STMicroelectronics TL431CCT Datasheet HTML 5Page - STMicroelectronics TL431CCT Datasheet HTML 6Page - STMicroelectronics TL431CCT Datasheet HTML 7Page - STMicroelectronics TL431CCT Datasheet HTML 8Page - STMicroelectronics TL431CCT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
December 2012
Doc ID 4467 Rev 11
1/21
21
TL431
TL432
Programmable voltage reference
Datasheet
− production data
Features
■ Adjustable output voltage: 2.5 to 36 V
■ Sink current capability: 1 to 100 mA
■ Typical output impedance: 0.22
Ω
■ 1% and 2% voltage precision
■ Automotive temp. range - 40 °C to +125 °C
Applications
■ Power supply
■ Industrial
■ Automotive
Description
The TL431 and TL432 are programmable shunt
voltage references with guaranteed temperature
stability over the entire operating temperature
range. The device temperature range is extended
for the automotive version from -40 °C up to
+125 °C. The output voltage can be set to any
value between 2.5 and 36 V with two external
resistors. The TL431 and TL432 operate with a
wide current range from 1 to 100 mA with a typical
dynamic impedance of 0.22
Ω.
D
SO-8
(Batwing plastic micropackage)
Z
TO-92
(Plastic package)
L
SOT23-3
L
SOT23-5
C
SOT323-6
www.st.com


Similar Part No. - TL431CCT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431C STMICROELECTRONICS-TL431C Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
HTC Korea TAEJIN Techno...
TL431C HTC-TL431C Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431C HTC-TL431C Datasheet
385Kb / 11P
Programmable Output Voltage to 40V
logo
Continental Device Indi...
TL431C CDIL-TL431C Datasheet
141Kb / 3P
PROGRAMMABLE SHUNT REGULATOR
More results

Similar Description - TL431CCT

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL432XSF AUK-SL432XSF_1 Datasheet
349Kb / 5P
Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com