Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8232ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8232ACPZ-R7
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8232ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD8232
Rev. A | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3 V, VREF = 1.5 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
INSTRUMENTATION AMPLIFIER PERFORMANCE CURVES
Figure 3. Instrumentation Amplifier CMRR Distribution
Figure 4. Instrumentation Amplifier Gain Error Distribution
Figure 5. Instrumentation Amplifier
Input Common-Mode Range vs. Output Voltage
Figure 6. Instrumentation Amplifier Input Bias Current vs. CMV
Figure 7. Instrumentation Amplifier Gain vs. Frequency
Figure 8. Instrumentation Amplifier CMRR vs. Frequency, RTI
1200
1000
200
400
600
800
0
–120
–90
90
60
30
0
–60
–30
120
CMRR (µV/V)
1400
1200
1000
200
400
600
800
0
–2.0
–1.5
1.5
1.0
0.5
0
–1.0
–0.5
2.0
GAIN ERROR (%)
3.5
3.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
50
–50
0
0.5
1.0
3.5
3.0
2.5
2.0
1.5
INPUT COMMON-MODE VOLTAGE (V)
–40
–30
–20
–10
0
10
20
30
40
50
40
30
20
10
0
–10
1
100k
10k
1k
100
10
FREQUENCY (Hz)
NO DC OFFSET
300mV OFFSET
120
100
40
60
80
20
10
100k
10k
1k
100
FREQUENCY (Hz)
NO DC OFFSET
+300mV OFFSET
–300mV OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com