| Electronic Components Datasheet Search |
|
SL3ICS1002FUG Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002FUG Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 20 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 13.3 Link timing For the interrogator interacting with a UCODE G2X equipped tag population exact link and response timing requirements must be fulfilled, which can be found in Section 17, Ref. 1, chapter 6.3.1.6. 13.3.1 Regeneration time The regeneration time is the time required if a G2X is to demodulate the interrogator signal, measured from the last falling edge of the last bit of the G2X response to the first falling edge of the interrogator transmission. This time is referred to as T2 and can vary between 3.0 Tpri and 20 Tpri. For a more detailed description refer to Section 17, Ref. 1, chapter 6.3.1.6. 13.3.2 Start-up time For a detailed description refer to Section 17, Ref. 1, chapter 6.3.1.3.4. 13.3.3 Persistence time An interrogator chooses one of four sessions and inventories tags within that session (denoted S0, S1, S2, and S3). The interrogator and associated UCODE G2X population operate in one and only one session for the duration of an inventory round (defined above). For each session, a corresponding inventoried flag is maintained. Sessions allow tags to keep track of their inventoried status separately for each of four possible time-interleaved inventory processes, using an independent inventoried flag for each process. Two or more interrogators can use sessions to independently inventory a common UCODE G2X chip population. A session flag indicates whether a G2X may respond to an interrogator. G2X chips maintain a separate inventoried flag for each of four sessions; each flag has symmetric A and B values. Within any given session, interrogators typically inventory tags from A to B followed by a re-inventory of tags from B back to A (or vice versa). Additionally, the G2X has implemented a selected flag, SL, which an interrogator may assert or deassert using a Select command. For a description of Inventoried flags S0 – S3 refer to Section 17, Ref. 1 chapter 6.3.2.2 and for a description of the Selected flag refer to Section 17, Ref. 1, chapter 6.3.2.3. For tag flags and respective persistence time refer to Section 17, Ref. 1, table 6.14. 13.4 Bit and byte ordering The transmission order for all R=>T and T=>R communications respects the following conventions: • within each message, the most-significant word is transmitted first, and • within each word, the most-significant bit (MSB) is transmitted first, whereas one word is composed of 16 bits. To represent memory addresses and mask lengths EBV-8 values are used. An extensible bit vector (EBV) is a data structure with an extensible data range. For a more detailed explanation refer to Section 17, Ref. 1, Annex A. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |