Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E3G-R17 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3G-R17
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R17 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3G-R17 Datasheet HTML 2Page - Omron Electronics LLC E3G-R17 Datasheet HTML 3Page - Omron Electronics LLC E3G-R17 Datasheet HTML 4Page - Omron Electronics LLC E3G-R17 Datasheet HTML 5Page - Omron Electronics LLC E3G-R17 Datasheet HTML 6Page - Omron Electronics LLC E3G-R17 Datasheet HTML 7Page - Omron Electronics LLC E3G-R17 Datasheet HTML 8Page - Omron Electronics LLC E3G-R17 Datasheet HTML 9Page - Omron Electronics LLC E3G-R17 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
E3G
6
Relay Output
Note: Td1, Td2: Delay time (0 to 5 s)
T1: A period longer than the delay time.
T2: A period shorter than the delay time.
* For ON- and OFF-delay timers, Td1 and Td2 are independently variable.
Plug (Sensor I/O Connector)
Timer
func-
tion
Model
Timing charts
Operation
selector
Output circuit
None
E3G
-MR19
E3G
-ML79
L side
(L-ON)
D side
(D-ON)
Yes
E3G
-MR19T
E3G
-ML79T
L side
(L-ON)
D side
(D-ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operation
indicator
(orange)
Ta
1
2
3
4
5
Tc
Ta
Contact output
(G6C Relay built in)
24 to 240 VAC or
12 to 240 VDC
(no polarity restriction)
Tb
Power
supply
Photo-
electric
Sensor
main
circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operation
indicator
(orange)
Ta
Incident light
No incident light
ON
OFF
ON
OFF
ON-delay*
OFF-delay*
Td1
Td2
Td2
Td2
Td1
T1
T1
T1
T2
T1
T2 T2
T1
T2 T2
T1
Td2
Td1
T1
T1
T1
T2
T1
T2 T2
T1
T2 T2
T1
Td1
Td2
Td1
Incident light
No incident light
ON
OFF
ON
OFF
ON-delay*
OFF-delay*
Note: Pin 2 is not used.
Classifi-
cation
Wire
color
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
---
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
13
1
2
3
4
Brown
Blue
Black
Pin No.
Wire color
XS2F-D421-DC0-A
XS2F-D421-GC0-A
XS2F-D422-DC0-A
XS2F-D422-GC0-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com