Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S12CPUV2D Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # S12CPUV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2D Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button S12CPUV2D Datasheet HTML 43Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 44Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 45Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 46Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 47Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 48Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12CPUV2D Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
47
1.6 Part ID Assignments
The part ID is located in two 8-bit registers PARTIDH and PARTIDL (addresses $001A and $001B after
reset). The read-only value is a unique part ID for each revision of the chip. Table 1-3 shows the assigned
part ID number.
The device memory sizes are located in two 8-bit registers MEMSIZ0 and MEMSIZ1 (addresses $001C
and $001D after reset). Table 1-4 shows the read-only values of these registers. Refer to HCS12 Module
Mapping Control (MMC) Block Guide for further details.
Table 1-3 Assigned Part ID Numbers
Device
Mask Set Number
Part ID1
NOTES:
1. The coding is as follows:
Bit 15-12: Major family identifier
Bit 11-8: Minor family identifier
Bit 7-4: Major mask set revision number including FAB transfers
Bit 3-0: Minor - non full - mask set revision
MC9S12DJ64
0L86D
$0200
MC9S12DJ64
1L86D
$0201
MC9S12DJ64
2L86D
$02012
2. 1L86D is identical to 2L86D except improved ESD performance on 2L86D
MC9S12DJ64
3L86D
$0203
MC9S12DJ64
4L86D
$0204
Table 1-4 Memory size registers
Register name
Value
MEMSIZ0
$11
MEMSIZ1
$80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com